Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-5227079-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 2-5227079-2
Description  BNC Connectors (50 ohm/75 ohm)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-5227079-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 2-5227079-2 Datasheet HTML 17Page - Tyco Electronics 2-5227079-2 Datasheet HTML 18Page - Tyco Electronics 2-5227079-2 Datasheet HTML 19Page - Tyco Electronics 2-5227079-2 Datasheet HTML 20Page - Tyco Electronics 2-5227079-2 Datasheet HTML 21Page - Tyco Electronics 2-5227079-2 Datasheet HTML 22Page - Tyco Electronics 2-5227079-2 Datasheet HTML 23Page - Tyco Electronics 2-5227079-2 Datasheet HTML 24Page - Tyco Electronics 2-5227079-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
64
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
35.81
[1.410]
32.54
[1.281]
Right-Angle Adapters
(Jack-Plug)
26.97
[1.062]
Bulkhead Jack-Jack
Adapters
L
Max.
H
Max.
Recommended Panel Cutout
H= 11/16 across flats, 20.32 [.800] across points.
36.07
[1.420]
15.87
[.625]
22.89
[.901]
Max.
14.53 Dia
[.572] Max.
Isolated Bulkhead Jack-Jack
Adapter
Body
Center
Contact
Dielectric
Part No.
Plating
Plating
Nickel
Gold
Polymethylpentene
5414105-1
Body
Center
Dimensions
Contact
Dielectric
Part No.
Plating
Plating
HL
Nickel
Silver
17.45
38.10
TEFLON
330024-
.687
1.500
Nickel
Gold1
17.78
36.07
Poly-
5228226-1
.700
1.420
ethylene
Nickel
Gold2
17.78
36.07
Poly-
5228226-3
.700
1.420
ethylene
Plating:
Gold1 — 0.00127 [.000050] thick
Gold2 — 0.00076 [.000015] thick
Note: If an Insulating Bushing is required see part number 330620 and
Panel Cutout on page 54.
Body
Center
Contact
Dielectric
Part No.
Plating
Plating
Nickel
Silver
TEFLON
5329517-1
Nickel
Gold
TEFLON
5222165-2
Nickel
Gold
Polymethylpentene
5414666-1
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Dia.
5.54
[.218
]
+0.06
-0.00
+.003
-.000
Recommended Panel Cutout
H= 11/16 across flats, 20.32 [.800] across points.
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Dia.
Dia.
5.54
[.218
]
+0.06
-0.00
+.003
-.000
Jack-Jack Adapters
Style A
Body
Center
Contact
Dielectric
Style
Part No.
Plating
Plating
Nickel
Silver
TEFLON
A
221551-1
Nickel
Gold
TEFLON
A
221551-3
Nickel
Gold
Polymethyl-
B
5414414-1
pentene
Style B
Plug-Plug Adapter
31.8
[1.252]
Ref.
Contact
Body
Part No.
Plating
Plating
Gold
Nickel
415796-1
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com