Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD02-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # HD02-T
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD02-T Datasheet(HTML) 3 Page - Diodes Incorporated

  HD02-T Datasheet HTML 1Page - Diodes Incorporated HD02-T Datasheet HTML 2Page - Diodes Incorporated HD02-T Datasheet HTML 3Page - Diodes Incorporated HD02-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HD01 – HD06
Document number: DS17003 Rev. 13 - 2
3 of 4
www.diodes.com
December 2010
© Diodes Incorporated
HD01 – HD06
0
10
20
30
35
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per element)
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance (per element)
R
T = 25 C
f = 1.0MHz
j
°
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
T = 25 C
j
°
T = 125 C
j
°
Package Outline Dimensions
MiniDIP
Dim
Min
Max
A
5.43
5.75
B
3.6
4.0
C
0.15
0.35
D
0.05
0.20
E
⎯
7.0
G
0.70
1.10
H
4.5
4.9
J
2.3
2.7
K
2.3
2.7
L
0.50
0.80
All Dimensions in mm
A
B
C
D
E
G
H
J
L
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com