Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 12Page - Analog Devices AD7450ARMZ Datasheet HTML 13Page - Analog Devices AD7450ARMZ Datasheet HTML 14Page - Analog Devices AD7450ARMZ Datasheet HTML 15Page - Analog Devices AD7450ARMZ Datasheet HTML 16Page - Analog Devices AD7450ARMZ Datasheet HTML 17Page - Analog Devices AD7450ARMZ Datasheet HTML 18Page - Analog Devices AD7450ARMZ Datasheet HTML 19Page - Analog Devices AD7450ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
–16–
AD7450
1
2
345
13
16
15
14
00
0
0
DB11
DB10
DB2
DB1
DB0
t
2
4 LEADING ZEROS
t
8
t
QUIET
t
CONVERT
B
CS
SCLK
SDATA
t
6
t
7
t
4
t
5
t
3
t
1
THREE-STATE
Figure 19. Serial Interface Timing Diagram
1
2
345
13
16
15
14
t
CONVERT
B
CS
t
ACQ
12.5(1/fSCLK)
1/THROUGHPUT
10ns
SCLK
C
t
QUIET
t2
t5
t6
t8
Figure 20. Serial Interface Timing Example
MODES OF OPERATION
The mode of operation of the AD7450 is selected by controlling
the logic state of the
CS signal during a conversion. There are
two possible modes of operation, normal mode and power-down
mode. The point at which
CS is pulled high after the conversion
has been initiated will determine whether or not the AD7450 will
enter the power-down mode. Similarly, if already in power-down,
CS controls whether the device will return to normal operation or
remain in power-down. These modes of operation are designed
to provide flexible power management options. These options
can be chosen to optimize the power dissipation/throughput rate
ratio for differing application requirements.
Normal Mode
This mode is intended for the fastest throughput rate perfor-
mance. The user does not have to worry about any power-up
times since the AD7450 is kept fully powered up. Figure 21
shows the general diagram of the operation of the AD7450 in
this mode. The conversion is initiated on the falling edge of
CS
as described in the Serial Interface section. To ensure the part
remains fully powered up,
CS must remain low until at least 10
SCLK falling edges have elapsed after the falling edge of
CS.
If
CS is brought high any time after the 10th SCLK falling edge,
but before the 16th SCLK falling edge, the part will remain
powered up, but the conversion will be terminated and SDATA
will go back into three-state.
Sixteen serial clock cycles are required to complete the conver-
sion and access the complete conversion result.
CS may idle
high until the next conversion or idle low until sometime prior
to the next conversion. Once a data transfer is complete, i.e.,
when SDATA has returned to three-state, another conversion
can be initiated after the quiet time, tQUIET, has elapsed by again
bringing
CS low.
10
16
SCLK
1
SDATA
CS
4 LEADING ZEROS AND CONVERSION RESULT
Figure 21. Normal Mode Operation
Power-Down Mode
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered down
between each conversion or a series of conversions may be
performed at a high throughput rate, during which the ADC is
powered down for a relatively long duration between these bursts of
several conversions. When the AD7450 is in the power-down
mode, all analog circuitry is powered down. To enter power-down
mode, the conversion process must be interrupted by bringing
CS
high anywhere after the second falling edge of SCLK and before
the 10th falling edge of SCLK as shown in Figure 22.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com