Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8073JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8073JRZ
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD8073JRZ Datasheet HTML 1Page - Analog Devices AD8073JRZ Datasheet HTML 2Page - Analog Devices AD8073JRZ Datasheet HTML 3Page - Analog Devices AD8073JRZ Datasheet HTML 4Page - Analog Devices AD8073JRZ Datasheet HTML 5Page - Analog Devices AD8073JRZ Datasheet HTML 6Page - Analog Devices AD8073JRZ Datasheet HTML 7Page - Analog Devices AD8073JRZ Datasheet HTML 8Page - Analog Devices AD8073JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
REV. D
–2–
AD8072/AD8073–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AD8072/AD8073
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
RF = 1 k
Ω
–3 dB Bandwidth, Small Signal
No Peaking, G = +2
80
100
MHz
0.1 dB Bandwidth, Small Signal
No Peaking, G = +2
8
10
MHz
Slew Rate
VO = 4 V Step
500
V/
µs
Settling Time to 0.1%
VO = 2 V Step
25
ns
DISTORTION/NOISE PERFORMANCE
RF = 1 k
Ω
Differential Gain
f = 3.58 MHz, G = +2
0.05
0.15
%
Differential Phase
f = 3.58 MHz, G = +2
0.1
0.3
Degrees
Crosstalk
f = 5 MHz
60
dB
Input Voltage Noise
f = 10 kHz
3
nV/
√Hz
Input Current Noise
f = 10 kHz (
±IIN)
6
pA/
√Hz
DC PERFORMANCE
Transimpedance
0.3
M
Ω
Input Offset Voltage
2
6
mV
TMIN to TMAX
8mV
Offset Drift
11
µV/°C
Input Bias Current (
±)4
12
µA
Input Bias Current Drift (
±)12
nA/
°C
INPUT CHARACTERISTICS
–Input Resistance
120
Ω
+Input Resistance
1
M
Ω
Input Capacitance
1.6
pF
Common-Mode Rejection Ratio
VCM = –3.8 V to +3.8 V
56
dB
Input Common-Mode Voltage Range
±3.8
V
OUTPUT CHARACTERISTICS
+Output Voltage Swing
3
3.3
V
–Output Voltage Swing
2.25
3
V
Output Current
RL = 10
Ω
30
mA
Short Circuit Current
80
mA
POWER SUPPLY
Operating Range
±2.5 to ±6V
Power Supply Rejection Ratio
VS =
±4 V to ±6 V
70
dB
Quiescent Current per Amplifier
3.5
5
mA
OPERATING TEMPERATURE RANGE
0
70
°C
Specifications subject to change without notice.
(@ TA = 25 C, VS =
5 V, RL = 150
, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com