Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-059 Datasheet(PDF) 6 Page - Analog Devices

Part # MT-059
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-059 Datasheet(HTML) 6 Page - Analog Devices

Back Button MT-059 Datasheet HTML 2Page - Analog Devices MT-059 Datasheet HTML 3Page - Analog Devices MT-059 Datasheet HTML 4Page - Analog Devices MT-059 Datasheet HTML 5Page - Analog Devices MT-059 Datasheet HTML 6Page - Analog Devices MT-059 Datasheet HTML 7Page - Analog Devices MT-059 Datasheet HTML 8Page - Analog Devices MT-059 Datasheet HTML 9Page - Analog Devices MT-059 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REV. D
AD8072/AD8073
–5–
FREQUENCY – MHz
7
6
0.1
0.1
1000
1.0
10
100
5
4
0
3
2
1
VS = 5V
RF = 1k
RL = 150
TO 2.5V
AV = 2
VIN = 100mV p-p
0 C
25 C
70 C
TPC 1. Frequency Response Over Temperature; VS = 5 V
FREQUENCY – MHz
7
6
0.1
0.1
1000
1.0
10
100
5
4
0
3
2
1
VS = 5V
RF = 1k
RL = 150
AV = 2
VIN = 100mV p-p
0 C
25 C
70 C
TPC 2. Frequency Response Over Temperature; VS =
±5 V
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
1.0
10
100
5.9
5.8
5.4
5.7
5.6
5.5
VS = 5V
RF = 1k
RL = 150
TO 2.5V
AV = 2
VIN = 100mV p-p
70 C
0 C, 25 C
TPC 3. 0.1 dB Flatness vs. Frequency Over Temperature;
VS = 5 V
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
1.0
10
100
5.9
5.8
5.4
5.7
5.6
5.5
VS = 5V
RF = 1k
RL = 150
AV = 2
VIN = 100mV p-p
0 C, 25 C
70 C
TPC 4. 0.1 dB Flatness vs. Frequency Over Temperature;
VS =
±5 V
0.00
0.03
0.07
0.08
0.08
0.08
0.09
0.08
0.08
0.07
0.06
MIN = 0.00
MAX = 0.09
p-p/MAX = 0.09
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
VS = 5V, RF = 1k , RL = 150
TO 1.5V, AV = 2
0.00
0.05
0.09
0.10
0.09
0.08
0.06
0.06
0.05
0.04
0.02
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
10TH 11TH
MODULATING RAMP LEVEL – IRE
MIN = 0.00
MAX = 0.10
p-p = 0.10
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
VS = 5V, RF = 1k , RL = 150
TO 1.5V, AV = 2
TPC 5. Differential Gain and Phase, VS = 5 V
0.00
0.00
0.00 –0.00
0.00 –0.01 –0.01 –0.02 –0.03 –0.03 –0.03
MIN = –0.03
MAX = 0.00
p-p/MAX = 0.03
0.00
–0.01
–0.02
–0.03
0.00
0.00 –0.00 –0.02 –0.03 –0.05 –0.07 –0.08 –0.10 –0.10 –0.10
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
10TH 11TH
MODULATING RAMP LEVEL – IRE
MIN = –0.10
MAX = 0.00
p-p = 0.10
0.02
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
VS = 5V
RF = 1k
RL = 150
AV = 2
VS = 5V
RF = 1k
RL = 150
AV = 2
TPC 6. Differential Gain and Phase, VS =
±5 V
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com