Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7623 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7623
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7623 Datasheet HTML 9Page - Analog Devices AD7623 Datasheet HTML 10Page - Analog Devices AD7623 Datasheet HTML 11Page - Analog Devices AD7623 Datasheet HTML 12Page - Analog Devices AD7623 Datasheet HTML 13Page - Analog Devices AD7623 Datasheet HTML 14Page - Analog Devices AD7623 Datasheet HTML 15Page - Analog Devices AD7623 Datasheet HTML 16Page - Analog Devices AD7623 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7654
Rev. B | Page 13 of 28
FREQUENCY (kHz)
100
90
70
80
10
1000
1
100
95
85
75
16.0
15.0
13.0
14.0
15.5
14.5
13.5
SNR
SINAD
ENOB
Figure 11. SNR, SINAD, and ENOB vs. Frequency
INPUT LEVEL (dB)
92
90
86
88
–40
–20
–60
–30
–50
–10
0
SNR
SINAD
Figure 12. SNR and SINAD vs. Input Level (Referred to Full Scale)
FREQUENCY (kHz)
–115
–105
10
1000
1
100
–110
90
80
60
70
85
75
65
–100
–95
–90
–85
–80
–75
–70
–65
–60
95
100
105
110
115
SFDR
CROSSTALK B TO A
CROSSTALK A TO B
THD
THIRD
HARMONIC
SECOND
HARMONIC
Figure 13. THD, Harmonics, Crosstalk, and SFDR vs. Frequency
TEMPERATURE (°C)
–10
–15
–55
25
–35
5
45
–8
–6
–4
–2
0
2
4
6
8
10
65
85
105
125
FULL-SCALE ERROR
ZERO ERROR
Figure 14. Full-Scale Error and Zero Error vs. Temperature
10
1
0.1
100
SAMPLING RATE (kSPS)
10
100
1000
1
NORMAL AVDD
NORMAL DVDD
IMPULSE AVDD
OVDD 2.7V
0.01
0.001
0.0001
IMPULSE DVDD
Figure 15. Operating Currents vs. Sample Rate
CL (pF)
50
20
0
10
100
200
0
150
50
30
40
OVDD = 2.7V @ 85°C
OVDD = 2.7V @ 25°C
OVDD = 5V @ 85°C
OVDD = 5V @ 25°C
Figure 16. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com