Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices AD8057ART-R2 Datasheet HTML 10Page - Analog Devices AD8057ART-R2 Datasheet HTML 11Page - Analog Devices AD8057ART-R2 Datasheet HTML 12Page - Analog Devices AD8057ART-R2 Datasheet HTML 13Page - Analog Devices AD8057ART-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
AD8057/AD8058
Rev. D | Page 9 of 16
VOUT (V p-p)
–40
–50
–80
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
–60
–70
20MHz
5MHz
Figure 24. Distortion vs. VOUT @ 20 MHz, 5 MHz, RL = 150 Ω, VS = ±5.0 V
VOUT (V p-p)
5.0
4.5
0
0
1
2
3
4
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
RISE TIME
FALL TIME
Figure 25. Rise Time and Fall Time vs. VOUT, G = +1, RL = 1 kΩ, RF = 0 Ω
VOUT (V p-p)
5
4
0
0
1
2
3
4
3
2
1
RISE TIME
FALL TIME
Figure 26. Rise Time and Fall Time vs. VOUT, G = +2, RL = 100 Ω, RF = 402 Ω
0.4%
0.3%
0.2%
0.1%
0%
–0.1%
–0.2%
–0.3%
–0.4%
0
10
20
30
40
50
60
TIME (ns)
VOUT = –1V TO + 1V OR +1V TO –1V
G = +2
RL = 100Ω/1kΩ
Figure 27. Settling Time
500mV/
DIV
0V
20ns/DIV
2.5V
VS = ±2.5V
RL = 1kΩ
G = +1
INPUT SIGNAL
OUTPUT RESPONSE
Figure 28. Input Overload Recovery, VS = ±2.5 V
1V/DIV
0V
20ns/DIV
5.0V
VS = ±5.0V
RL = 1kΩ
G = +1
INPUT SIGNAL 5V
OUTPUT SIGNAL = 4.0V
Figure 29. Output Overload Recovery, VS = ±5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com