Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZRL Datasheet(PDF) 39 Page - Analog Devices

Part # AD9739BBCZRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZRL Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9739BBCZRL Datasheet HTML 35Page - Analog Devices AD9739BBCZRL Datasheet HTML 36Page - Analog Devices AD9739BBCZRL Datasheet HTML 37Page - Analog Devices AD9739BBCZRL Datasheet HTML 38Page - Analog Devices AD9739BBCZRL Datasheet HTML 39Page - Analog Devices AD9739BBCZRL Datasheet HTML 40Page - Analog Devices AD9739BBCZRL Datasheet HTML 41Page - Analog Devices AD9739BBCZRL Datasheet HTML 42Page - Analog Devices AD9739BBCZRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 39 of 48
CLOCK INPUT CONSIDERATIONS
The quality of the clock source and its drive strength are
important considerations in maintaining the specified ac
performance. The phase noise and spur characteristics of the
clock source should be selected to meet the target application
requirements. Phase noise and spurs at a given frequency offset
on the clock source are directly translated to the output signal. It
can be shown that the phase noise characteristics of a reconstructed
output sine wave are related to the clock source by 20 × log10
(fOUT/fCLK) when the DAC clock path contribution, along with
thermal and quantization effects, are negligible.
The AD9739 clock receiver provides optimum jitter performance
when driven by a fast slew rate originating from the LVPECL or
CML output drivers. For a low jitter sinusoidal clock source, the
ADCLK914 can be used to square-up the signal and provide a
CML input signal for the AD9739 clock receiver. Note that all
specifications and characterization presented in the data sheet
are with the ADCLK914 driven by a high quality RF signal
generator with the clock receiver biased at a 800 mV level. A
dc blocking capacitor is used between the clock driver output
and clock receiver input to allow for different dc bias levels.
To minimize signal loss for high clock rates, a high quality, dc
blocking RF capacitor is recommended.
Figure 60 shows a clock source based on the ADF4350 low phase
noise/jitter PLL. The ADF4350 can provide output frequencies
from 140 MHz up to 4.4 GHz with jitter as low as 0.5 ps rms.
Each single-ended output can provide a squared-up output level
that can be varied from −4 dBm to +5 dBm allowing for >2 V p-p
output differential swings. The ADF4350 also includes an
additional CML buffer that can be used to drive another
AD9739 device.
ESD
DACCLK_P
DACCLK_N
VDDC
VSSC
CLKx_OFFSET
DIR_x = 0
CLKx_OFFSET
DIR_x = 0
4-BIT PMOS
IOUT ARRAY
4-BIT NMOS
IOUT ARRAY
Figure 58. Clock Input and Common-Mode Control
The AD9739 clock receiver features the ability to independently
adjust the common-mode level of its inputs over a span of
±100 mV centered about its midsupply point (that is, VDDC/2)
as well as an offset for hysteresis purposes. Figure 58 shows the
equivalent input circuit of one of the inputs. ESD diodes are not
shown for clarity purposes. It has been found through
characterization that the optimum setting is for both inputs to
be biased at approximately 0.8 V. This can be achieved by writing a
0x0F (corresponding to a −15) setting to both cross controller
registers (that is, Register 0x22 and Register 0x23).
D
D
Q
VCC
VEE
VT
Q
VREF
50Ω
50Ω
50Ω
50Ω
50Ω
DACCLK_P
DACCLK_N
100Ω
1nF
1nF
ADCLK914
AD9739
10nF
10nF
50Ω
Figure 59. ADCLK914 Interface to the AD9739 CLK Input
VCO
PLL
ADF4350
FREF
1.8V p-p
VVCO
1nF
1nF
AD9739
3.9nH
RFOUTA–
RFOUTA+
RFOUTA–
RFOUTA+
100Ω
DACCLK_P
DACCLK_N
DIV-BY-2N
N = 0 – 4
Figure 60. ADF4350 Interface to the AD9739 CLK Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com