Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8058ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8058ARM
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8058ARM Datasheet HTML 9Page - Analog Devices AD8058ARM Datasheet HTML 10Page - Analog Devices AD8058ARM Datasheet HTML 11Page - Analog Devices AD8058ARM Datasheet HTML 12Page - Analog Devices AD8058ARM Datasheet HTML 13Page - Analog Devices AD8058ARM Datasheet HTML 14Page - Analog Devices AD8058ARM Datasheet HTML 15Page - Analog Devices AD8058ARM Datasheet HTML 16Page - Analog Devices AD8058ARM Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AD8057/AD8058
Data Sheet
Rev. D | Page 12 of 16
TEST CIRCUITS
0.01µF
0.001µF
4.7µF
50Ω
VIN
HP8130A
PULSE
GENERATOR
TR/TF = 1ns
AD8057
AD8058
0.001µF
0.01µF
4.7µF
1kΩ
+VS
–VS
VOUT
Figure 41. Test Circuit, G = +1, RL = 1 kΩ
0.01µF
0.001µF
4.7µF
–VS
+VS
VIN
1kΩ
50Ω
HP8130A
PULSE
GENERATOR
TR/TF = 1ns
AD8057
AD8058
1kΩ
1kΩ
VOUT
0.001µF
0.01µF
4.7µF
Figure 42. Test Circuit, G = −1, RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com