Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7751ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7751ARSZ
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7751ARSZ Datasheet HTML 8Page - Analog Devices ADE7751ARSZ Datasheet HTML 9Page - Analog Devices ADE7751ARSZ Datasheet HTML 10Page - Analog Devices ADE7751ARSZ Datasheet HTML 11Page - Analog Devices ADE7751ARSZ Datasheet HTML 12Page - Analog Devices ADE7751ARSZ Datasheet HTML 13Page - Analog Devices ADE7751ARSZ Datasheet HTML 14Page - Analog Devices ADE7751ARSZ Datasheet HTML 15Page - Analog Devices ADE7751ARSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. 0
–16–
ADE7751
When selecting a suitable F1–4 frequency for a meter design, the
frequency output at IMAX (maximum load) with a meter constant
of 100 imp/kWhr should be compared with Column 4 of Table VI.
The frequency that is closest in Table VI will determine the best
choice of frequency (F1–4). For example, if a meter with a maxi-
mum current of 25 A is being designed, the output frequency on F1
and F2, with a meter constant of 100 imp/kWhr, is 0.153 Hz at 25 A
and 220 V (from Table V). Looking at Table VI, the closest
frequency to 0.153 Hz in column four is 0.17 Hz. Therefore F2
(3.4 Hz—see Table II) is selected for this design.
Frequency Outputs
Figure 1 shows a timing diagram for the various frequency
outputs. The outputs F1 and F2 are the low-frequency outputs
that can be used to directly drive a stepper motor or electrome-
chanical impulse counter. The F1 and F2 outputs provide two
alternating low-going pulses. The pulsewidth (t1) is set at 275 ms
and the time between the falling edges of F1 and F2 (t3) is
approximately half the period of F1 (t2).
If, however, the period of F1 and F2 falls below 550 ms (1.81 Hz),
the pulsewidth of F1 and F2 is set to half of their period. The maxi-
mum output frequencies for F1 and F2 are shown in Table III.
The high-frequency CF output is intended to be used for
communications and calibration purposes. CF produces a
90 ms wide active high pulse (t4) at a frequency that is propor-
tional to active power. The CF output frequencies are given in
Table IV. As in the case of F1 and F2, if the period of CF (t5)
falls below 180 ms, the CF pulsewidth is set to half the period.
For example, if the CF frequency is 20 Hz, the CF pulse-
width is 25 ms.
NO LOAD THRESHOLD
The ADE7751 also includes a “no load threshold” and “start-
up current” feature that will eliminate any creep effects in the
meter. The ADE7751 is designed to issue a minimum output
frequency. Any load generating a frequency lower than this
minimum frequency will not cause a pulse to be issued on F1,
F2, or CF. The minimum output frequency is given as 0.0014%
of the full-scale output frequency for each of the F1–4 frequency
selections (see Table II). For example, for an energy meter with
a meter constant of 100 imp/kWhr on F1, F2 using F2 (3.4 Hz),
the maximum output frequency at F1 or F2 would be 0.0014%
of 3.4 Hz or 4.76
× 10–5 Hz. This would be 3.05 × 10–3 Hz at
CF (64
× F1 Hz). In this example, the no load threshold would be
equivalent to 1.7 W of load or a start-up current of 8 mA at 220 V.
Compare this value to the IEC1036 specification, which states
that the meter must start up with a load equal to or less than
0.4% Ib. For a 5 A(Ib) meter, 0.4% of Ib is equivalent to 20 mA.
24-Shrink Small Outline Package
(RS-24)
24
1
13
12
0.328 (8.33)
0.318 (8.08)
0.311 (7.9)
0.301 (7.64)
0.212 (5.38)
0.205 (5.207)
PIN 1
SEATING
PLANE
0.07 (1.78)
0.066 (1.67)
0.008 (0.203)
0.002 (0.050)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
0.009 (0.229)
0.005 (0.127)
0.037 (0.94)
0.022 (0.559)
8°
0°
24-Lead Plastic DIP
(N-24)
24
1
12
13
PIN 1
1.275 (32.30)
1.125 (28.60)
0.280 (7.11)
0.240 (6.10)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com