Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8058ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8058ARMZ
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8058ARMZ Datasheet HTML 4Page - Analog Devices AD8058ARMZ Datasheet HTML 5Page - Analog Devices AD8058ARMZ Datasheet HTML 6Page - Analog Devices AD8058ARMZ Datasheet HTML 7Page - Analog Devices AD8058ARMZ Datasheet HTML 8Page - Analog Devices AD8058ARMZ Datasheet HTML 9Page - Analog Devices AD8058ARMZ Datasheet HTML 10Page - Analog Devices AD8058ARMZ Datasheet HTML 11Page - Analog Devices AD8058ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
AD8057/AD8058
Rev. D | Page 7 of 16
0
–0.4
–0.6
–0.5
–0.2
–0.3
–0.1
–0.8
–0.7
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
+IB @ ±5V
–IB @ ±5V
–IB @ ±1.5V
+IB @ ±1.5V
+IB @ ±2.5V
–IB @ ±2.5V
Figure 12. Input Bias Current vs. Temperature
4
1
0
3
2
PSRR @ ±1.5V ±5V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
TEMPERATURE (°C)
Figure 13. PSRR vs. Temperature
FREQUENCY (MHz)
0
–10
–60
0.1
1000
1
10
100
–20
–30
–50
–40
–PSRR VS = ±2.5V
+PSRR VS = ±2.5V
Figure 14. PSRR vs. Frequency
100mV
20mV/DIV
–100mV
4ns/DIV
Figure 15. Small Signal Step Response G = +1, RL = 1 kΩ, VS = ±5 V,
See Figure 41 for Test Circuit
5V
1V/DIV
–5V
4ns/DIV
Figure 16. Large Signal Step Response G = +1,RL = 1 kΩ, VS = ±5.0 V,
See Figure 41 for Test Circuit
100mV
20mV/DIV
0V
–100mV
4ns/DIV
Figure 17. Small Signal Step Response G = –1, RL = 1 kΩ,
See Figure 42 for Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com