Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5592ACPZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5592ACPZ-R71
Description  250 MHz to 2400 MHz RF Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5592ACPZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5592ACPZ-R71 Datasheet HTML 12Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5592ACPZ-R71 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADL5592
Rev. 0 | Page 19 of
20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD-2
1
0.50
BSC
TOP VIEW
BOTTOM VIEW
INDEX
AREA
6.00
BSC SQ
40
11
20
21
30
31
10
EXPOSED
PAD
PIN 1
INDICATOR
4.25
4.15 SQ
4.00
0.50
0.40
0.30
0.20 MIN
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.20 REF
THE EXPOSED METAL PADDLE ON THE
BOTTOM OF THE LFCSP PACKAGE
MUST BE SOLDERED TO PCB GROUND
FOR PROPER HEAT DISSIPATION AND
ALSO FOR NOISE AND MECHANICAL
STRENGTH BENEFITS.
Figure 27. 40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
ADL5592ACPZ-R71
−40°C to +85°C
40-Lead LFCSP_WQ, 7" Tape and Reel
CP-40-2
3,000
ADL5592-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com