Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP121 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 2 Page - Analog Devices

  ADP121 Datasheet HTML 1Page - Analog Devices ADP121 Datasheet HTML 2Page - Analog Devices ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices ADP121 Datasheet HTML 8Page - Analog Devices ADP121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP121
Data Sheet
Rev. G | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Specifications: Input and Output Capacitors 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 11
Applications Information .............................................................. 12
Capacitor Selection .................................................................... 12
Undervoltage Lockout ............................................................... 13
Enable Feature ............................................................................ 13
Current Limit and Thermal Overload Protection ................. 14
Thermal Considerations............................................................ 14
PCB Layout Considerations...................................................... 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 19
REVISION HISTORY
8/12—Rev. F to Rev. G
Change to Ordering Guide.............................................................19
7/12—Rev. E to Rev. F
Updated Outline Dimensions ........................................................18
Change to Ordering Guide.............................................................19
8/11—Rev. D to Rev. E
Changes to Figure 22........................................................................ 9
Changes to Ordering Guide .......................................................... 19
1/10—Rev. C to Rev. D
Changes to Ordering Guide .......................................................... 19
11/09—Rev. B to Rev. C
Changes to Figure 1, Figure 2, and General Description
Section................................................................................................ 1
Changes to Table 3.............................................................................5
Changes to Figure 46 Caption and Figure 47 Caption .............. 17
Changes to Ordering Guide .......................................................... 19
9/09—Rev. A to Rev. B
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 19
3/09—Rev. 0 to Rev. A
Changes to Features and General Description Sections ..............1
Changes to Input and Output Capacitor Parameter.....................4
Changes to Figure 17 to Figure 20...................................................9
Changes to Figure 49...................................................................... 17
Added Figure 50 ............................................................................. 17
Changes to Ordering Guide .......................................................... 19
7/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com