Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV202 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV202 Datasheet HTML 17Page - Analog Devices ADV202 Datasheet HTML 18Page - Analog Devices ADV202 Datasheet HTML 19Page - Analog Devices ADV202 Datasheet HTML 20Page - Analog Devices ADV202 Datasheet HTML 21Page - Analog Devices ADV202 Datasheet HTML 22Page - Analog Devices ADV202 Datasheet HTML 23Page - Analog Devices ADV202 Datasheet HTML 24Page - Analog Devices ADV202 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADV202
Rev. D | Page 21 of 40
Pin. No.
Pin Location
Pin Description
98
J10
TEST3
99
J11
DGND
100
K1
SCOMM[4]
101
K2
SCOMM[3]
102
K3
SCOMM[0]
103
K4
SCOMM[1]
104
K5
IOVDD
105
K6
IOVDD
106
K7
IOVDD
107
K8
ADDR[2]
108
K9
TEST2
109
K10
TEST5
Pin. No.
Pin Location
Pin Description
110
K11
DGND
111
L1
DGND
112
L2
SCOMM[7]
113
L3
SCOMM[6]
114
L4
SCOMM[5]
115
L5
SCOMM[2]
116
L6
TEST4
117
L7
RESET
118
L8
DGND
119
L9
MCLK
120
L10
PLLVDD
121
L11
DGND
Table 16. Pin BGA Assignments for 144-Lead Package
Pin No.
Pin Location
Pin Description
1
A1
DGND
2
A2
HDATA[2]
3
A3
HDATA[1]
4
A4
HDATA[0]
5
A5
DGND
6
A6
DGND
7
A7
DGND
8
A8
DGND
9
A9
VDATA[2]
10
A10
VDATA[1]
11
A11
VDATA[0]
12
A12
DGND
13
B1
HDATA[5]
14
B2
HDATA[4]
15
B3
HDATA[3]
16
B4
IOVDD
17
B5
DGND
18
B6
VDD
19
B7
VDD
20
B8
DGND
21
B9
IOVDD
22
B10
VDATA[5]
23
B11
VDATA[4]
24
B12
VDATA[3]
25
C1
HDATA[8]
26
C2
HDATA[7]
27
C3
HDATA[6]
28
C4
IOVDD
29
C5
DGND
30
C6
VDD
31
C7
VDD
32
C8
DGND
33
C9
IOVDD
34
C10
VDATA[8]
35
C11
VDATA[7]
36
C12
VDATA[6]
37
D1
HDATA[11]
Pin No.
Pin Location
Pin Description
38
D2
HDATA[10]
39
D3
HDATA[9]
40
D4
IOVDD
41
D5
DGND
42
D6
VDD
43
D7
VDD
44
D8
DGND
45
D9
IOVDD
46
D10
VDATA[11]
47
D11
VDATA[10]
48
D12
VDATA[9]
49
E1
HDATA[14]
50
E2
HDATA[13]
51
E3
HDATA[12]
52
E4
DGND
53
E5
DGND
54
E6
DGND
55
E7
DGND
56
E8
DGND
57
E9
FIELD
58
E10
VSYNC
59
E11
HSYNC
60
E12
VCLK
61
F1
HDATA[18]_VDATA[14]
62
F2
HDATA[17]_VDATA[13]
63
F3
HDATA[16]_VDATA[12]
64
F4
HDATA[15]
65
F5
DGND
66
F6
DGND
67
F7
DGND
68
F8
DGND
69
F9
DACK1
70
F10
DREQ1
71
F11
DACK0
72
F12
DREQ0
73
G1
HDATA[22]
74
G2
HDATA[21]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com