Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175C Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 175C
Description  Auto Line Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

175C Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  175C Datasheet HTML 1Page - Hammond Manufacturing Ltd. 175C Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
29
29
29
29
Hammond Manufacturing Co. Inc.
256 Sonwil Dr.
Cheektowaga, NY 14225
USA
Phone: 716-651-0086 Fax: 716-651-0726
Hammond Manufacturing Co. Ltd.
394 Edinburgh Rd. North
Guelph, Ontario N1H 1E5
CANADA
Phone: 519-822-2960 Fax: 519-822-0715
www
www
www
www
www
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
©
115V
115V
115V
115V
115VA
A
A
A
AC to 230V
C to 230V
C to 230V
C to 230V
C to 230VA
A
A
A
AC Step Up
C Step Up
C Step Up
C Step Up
C Step Up T
T
T
T
Trrrrransf
ansf
ansf
ansf
ansfor
or
or
or
ormer
mer
mer
mer
mer
~ Single winding for use where equipment is already isolated
and only voltage change is required
~ Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
~ Input is circuit breaker protected
~ Hi-pot tested to 2 KV RMS
~ Standard 3-wire, grounded plug (can also be used with
adaptors for proper grounding)
~ Input is connected to a 5 foot cord & standard grounded North
American plug (NEMA 5-15P)
~ Output is connected to a grounded European (Schuko)
receptacle
~
~
~
~
~ North American Mark of Safety: cUL & UL listed
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
P
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
y
t
i
c
a
p
a
C
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
A
VA
VA
VA
VA
V
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
g
n
i
p
p
i
h
S
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
t
h
g
i
e
Wt
h
g
i
e
W
t
h
g
i
e
W
t
h
g
i
e
Wt
h
g
i
e
W
W
W
W
W
W
D
D
D
D
D
H
H
H
H
H
W
W
W
W
W
D
D
D
D
D
A
6
7
1A
6
7
1
A
6
7
1
A
6
7
1A
6
7
1
0
2
16
1
.
35
2
.
41
8
.
30
5
.
24
9
.
25
.
3
B
6
7
1B
6
7
1
B
6
7
1
B
6
7
1B
6
7
1
0
0
26
1
.
30
5
.
41
8
.
30
5
.
29
1
.
35
.
4
C
6
7
1C
6
7
1
C
6
7
1
C
6
7
1C
6
7
1
0
0
36
1
.
30
0
.
51
8
.
30
5
.
29
6
.
30
.
6
D
6
7
1D
6
7
1
D
6
7
1
D
6
7
1D
6
7
1
0
0
50
8
.
30
0
.
68
6
.
40
0
.
38
3
.
40
.
0
1
E
6
7
1E
6
7
1
E
6
7
1
E
6
7
1E
6
7
1
0
5
70
8
.
36
0
.
78
6
.
40
0
.
38
3
.
50
.
4
1
F
6
7
1F
6
7
1
F
6
7
1
F
6
7
1F
6
7
1
0
0
0
10
8
.
36
0
.
78
6
.
40
0
.
38
3
55
.
4
1
G
6
7
1G
6
7
1
G
6
7
1
G
6
7
1G
6
7
1
0
0
5
10
4
.
43
6
.
69
3
.
50
5
.
39
0
.
60
.
2
2
t
r
a
Pt
r
a
P
t
r
a
P
t
r
a
Pt
r
a
P
.
o
N.
o
N .
o
N .
o
N.
o
N
d
e
d
n
u
o
r
Gd
e
d
n
u
o
r
G
d
e
d
n
u
o
r
G
d
e
d
n
u
o
r
Gd
e
d
n
u
o
r
G
e
p
y
T
g
u
l
Pe
p
y
T
g
u
l
P
e
p
y
T
g
u
l
P
e
p
y
T
g
u
l
Pe
p
y
T
g
u
l
P
:
f
o
s
e
i
r
t
n
u
o
C
e
h
t
n
i
d
e
s
U:
f
o
s
e
i
r
t
n
u
o
C
e
h
t
n
i
d
e
s
U
:
f
o
s
e
i
r
t
n
u
o
C
e
h
t
n
i
d
e
s
U
:
f
o
s
e
i
r
t
n
u
o
C
e
h
t
n
i
d
e
s
U:
f
o
s
e
i
r
t
n
u
o
C
e
h
t
n
i
d
e
s
U
4
G
8
9
24
G
8
9
2
4
G
8
9
2
4
G
8
9
24
G
8
9
2
n
a
e
p
o
r
u
E
,
y
a
w
r
o
N
,
s
d
n
a
l
r
e
h
t
e
N
,
t
s
a
E
e
l
d
d
i
M
,
y
n
a
m
r
e
G
,
e
c
n
a
r
F
,
d
n
a
l
n
i
F
,
m
u
i
g
l
e
B
,
a
i
r
t
s
u
A
n
e
d
e
w
S
,
n
a
e
v
b
i
r
a
C
&
i
t
i
h
a
T
/
a
n
i
h
C
/
a
c
i
r
e
m
A
h
t
u
o
S
/
a
i
s
A
/
a
c
i
r
f
A
f
o
s
t
r
a
P
3
G
8
9
23
G
8
9
2
3
G
8
9
2
3
G
8
9
23
G
8
9
2
h
s
i
t
i
r
B
.
K
.
U
,
e
r
o
p
a
g
n
i
S
,
n
a
e
b
b
i
r
a
C
/
a
c
i
r
f
A
f
o
s
t
r
a
P
,
a
i
s
y
a
l
a
M
,
d
n
a
l
e
r
I
,
g
n
o
K
g
n
o
H
6
G
8
9
26
G
8
9
2
6
G
8
9
2
6
G
8
9
26
G
8
9
2
n
a
i
l
a
r
t
s
u
A
d
n
a
l
a
e
Z
w
e
N
,
s
d
n
a
l
s
I
c
i
f
i
c
a
P
.
S
,
a
n
i
h
C
f
o
c
i
l
b
u
p
e
R
s
'
e
l
p
o
e
P
,
a
i
l
a
r
t
s
u
A
7
G
8
9
27
G
8
9
2
7
G
8
9
2
7
G
8
9
27
G
8
9
2
n
a
c
i
r
e
m
A
.
N
A
S
U
,
s
e
n
i
p
p
i
l
i
h
P
,
a
c
i
r
e
m
A
h
t
u
o
S
/
n
a
e
b
b
i
r
a
C
e
h
t
f
o
s
t
r
a
P
,
a
d
a
n
a
C
Inter
Inter
Inter
Inter
International - Grounded Adaptor Plugs
national - Grounded Adaptor Plugs
national - Grounded Adaptor Plugs
national - Grounded Adaptor Plugs
national - Grounded Adaptor Plugs
Rear View of all
Rear View of all
Rear View of all
Rear View of all
Rear View of all
adaptors
adaptors
adaptors
adaptors
adaptors
298G4
298G4
298G4
298G4
298G4
298G3
298G3
298G3
298G3
298G3
298G6
298G6
298G6
298G6
298G6
298G7
298G7
298G7
298G7
298G7
~ For use with our 171, 172, 175 & 176 series transformers.
~ Heavy duty design with plastic shell and double wipe contacts.
~ Allows for ground connection between equipment and international power sources.
~ With a set of all 4 adaptors, they will accept equipment with plugs from virtually every country except
South Africa
~ Adaptors do not affect voltages
Adaptors do not affect voltages
Adaptors do not affect voltages
Adaptors do not affect voltages
Adaptors do not affect voltages, they are a mechanical device only to match foreign “pinouts” of
receptacles and/or plugs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com