Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

141P Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 141P
Description  P.C. BOARD MOUNT AUDIO TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

141P Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  141P Datasheet HTML 1Page - Hammond Manufacturing Ltd. 141P Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
73
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
P.C. Board Mount (148-149 Series)
P.C. BOARD MOUNT
AUDIO TRANSFORMERS
Pin type (0.25" length & 0.025" square), P.C. board mount.
•
Economical, open type, horizontal bracket construction. 149 Series includes clinching lugs for extra mounting
•
strength.
Frequency response 200 Hz. - 15 Khz. (+/- 1 db, ref. @ 1 Khz.).
•
Total distortion approximately 2% for drivers and 1% for outputs at 200 Hz., decreasing at higher frequencies.
•
Insertion loss less than 1/2 db.
•
Bifilar wound for balanced capacitive and resistance characteristics, on pin bobbins for standard 0.2" grid pin spacing.
•
Insulation test 250V RMS.
•
For rugged epoxy cast type units refer to our 102, 104, 106, or 107, 108 & 109 series.
•
Net weight: 0.6 oz. (148 Series) & 1.0 oz. (149 Series).
•
NOTES:
*1) For output transformers the current figure is for maximum unbalanced current
*2) D.C. resistance shown is for the total primary or secondary windings (ie: if unit contains multiple primary or
secondary windings the figure shown is with the windings connected in series).
Part
No.
Application
Nominal Impedance
Pri D.C.
(*1) ma.
D.C. Resistance +/- 15% (*2)
Output
Milliwatts
Dwg.
Figure
Primary Secondary
Primary
Secondary
148A
Input
150/600
600/2400
1.9
45
300
300
1
148B
Input
150
400/1600
3.8
11.3
200
300
2
148C
Input
50000
250/1000
0
1760
25.4
12
2
148D
Input
200K
1000
0
1760
6.2
3
3
148E
Driver
500
125/500
18
79
60
75
2
148F
Driver
1500
125/500
11.6
220
58
75
2
148H
Driver
3000
250/1000
7.5
480
107
75
2
148K
Driver
4000
500/2000
6.5
540
230
75
2
148M
Driver
6000
500/2000
5.3
850
230
75
2
148Q
Driver
10000
500/2000
4.1
1700
238
75
2
148R
Driver
20000
250/1000
2.4
2230
123
50
2
148T
Output
500 C.T.
3.2
2.1
41
0.34
300
4
148V
Output
600 C.T.
150 C.T.
1.9
45
14
300
5
148X
Output
4000 C.T.
3.2
0.8
380
0.34
300
4
148Y
Output
5000 C.T. 500 C.T.
0.7
410
52
300
5
149C
Driver
160
20/80
56
24
6.5
200
2
149E
Driver
300
30/120
42
41
9.7
200
2
149F
Driver
450
40/160
33
52
19
200
2
149G
Driver
600
150/600
29
92
58
200
2
149H
Driver
1000
60/240
22
155
24
200
2
149Q
Output
200 C.T.
3.2
7
19
0.4
1000
4
149S
Output
600 C.T.
150 C.T.
4
53
17
1000
5
149T
Output
600 C.T.
600 C.T.
4
53
70
1000
5
149U
Output
150/600
8
4
53
95
1000
6
149V
Hybrid
600 C.T.
300/1200
4
53
63
1000
7
148 Series
149 Series
4
2
3
1
8
7
6
5
PRI
SEC
4
1
8
7
6
5
PRI
SEC
4
1
8
5
PRI
SEC
4
1
8
5
PRI
SEC
2
Figure 1
Figure 2
Figure 3
Figure 4
4
1
8
5
PRI
SEC
2
7
4
2
3
1
8
5
PRI
SEC
4
1
8
7
6
5
PRI
SEC
3
Figure 5
Figure 6
Figure 7


Similar Part No. - 141P

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
141P HAMMOND-141P Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Honeywell Solid State E...
141PC01G HONEYWELL-141PC01G Datasheet
383Kb / 5P
Interactive Catalog Replaces Catalog Pages
logo
Sensortechnics GmbH
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
109Kb / 3P
Signal conditioned precision pressure transducers
More results

Similar Description - 141P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
For MINI Fuses P.C. Board Mount Type
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
AUDIO Transformers Digital Audio Transformers
logo
Hammond Manufacturing L...
108L HAMMOND-108L Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Pulse A Technitrol Comp...
T6003NL PULSE-T6003NL Datasheet
147Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
logo
Hammond Manufacturing L...
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
Low Voltage - P.C. Board Mount (183 Series)
logo
Pulse A Technitrol Comp...
T6027NLT PULSE-T6027NLT Datasheet
68Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NL PULSE-T6027NL Datasheet
147Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
logo
Hammond Manufacturing L...
611 HAMMOND-611 Datasheet
118Kb / 1P
Pulse Open Frame P.C. Board Mount
11/8/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com