Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

290AEX Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 290AEX
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

290AEX Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  290AEX Datasheet HTML 1Page - Hammond Manufacturing Ltd. 290AEX Datasheet HTML 2Page - Hammond Manufacturing Ltd. 290AEX Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
98
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Replacement - Tube Guitar Chokes (194 Series)
Part No.
Inductance
(Henrys)
Amplifier
Manufacturer
Amplifier
Model Names
Equivalent To
Mfg'ers Part
Number
194A
4
Fender
Deluxe, Deluxe Reverb, Vibrolux, Vibrolux Reverb
125C3A & 022707
194B
4
Fender
Bandmaster, Dual Showman, Pro Reverb, Twin Super
125C1A & 022699
194C
40
Marshall
JCM 800
-
194D
5
VOX
AC30 reissue
-
194E
30
VOX
AC30 vintage
-
TUBE GUITAR AMPLIFIER - POWER
TRANSFORMERS
Designed for drop in replacement of original tube guitar amplifier power supply chokes.
•
Physically, parts were designed to look similar to original factory units (where possible).
•
For individual photos of each part - visit our website: www.hammondmfg.com
•
DISCLAIMER: Hammond Mfg. is not affiliated with Fender Musical Instruments Corp., Marshall Amplification or VOX Amplification companies. Am-
plifier model names Bandmaster, Deluxe, Deluxe Reverb, Dual Showman, Pro Reverb, Twin Super, Vibrolux & Vibrolux Reverb are all trademarks
of Fender Musical Instruments Corp.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com