Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4449 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4449
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4449 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4449 Datasheet HTML 1Page - Microsemi Corporation 2N4449 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/317
T4-LDS-0057 Rev. 2 (081394)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Emitter-Base Breakdown Voltage
VEB = 4.5Vdc
10
Emitter-Base Cutoff Current
VEB = 4.0Vdc
IEBO
0.25
μAdc
Collector- Base Breakdown Voltage
VCB = 40Vdc
10
Collector-Base Cutoff Current
VCB = 32Vdc
ICBO
0.2
μAdc
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
IC = 10mAdc, VCE = 0.35Vdc
IC = 30mAdc, VCE = 0.4Vdc
IC = 10mAdc, VCE = 1.0Vdc
IC = 100mAdc, VCE = 1.0Vdc
hFE
40
30
40
20
120
120
120
120
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 30mAdc, IB = 3.0mAdc
IC = 100mAdc, IB = 10mAdc
VCE(sat)
0.20
0.25
0.45
Vdc
Base-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 30mAdc, IB = 3.0mAdc
IC = 100mAdc, IB = 10mAdc
VBE(sat)
0.70
0.80
0.85
0.90
1.20
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Current Transfer Ratio
IC = 10mAdc, VCE = 10Vdc, f = 100MHz
|hfe|
5.0
10
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
4.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
5.0
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
IC = 10mAdc; IB1 = 3.0mAdc, IB2 = -1.5mAdc
ton
12
ηs
Turn-Off Time
IC = 10mAdc; IB1 = 3.0mAdc, IB2 = -1.5mAdc
toff
18
ηs
Charge Storage Time
IC = 10mAdc; IB1 = 10mAdc, IB2 = 10mAdc
tS
13
ηs
(1) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com