Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30KP150SC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 30KP150SC
Description  Glass passivated junction chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

30KP150SC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  30KP150SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP150SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP150SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Reverse
Breakdown
Maximum
Maximum
Maximum
Maximum V(BR)
Part
Part
Stand Off
Voltage @ I(BR)
Reverse
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
Leakage @ VWM
Voltage @ IPP
Current
Coefficient
(Uni-directional)
(Bi-directional)
VWM
VBR (V)
I(BR)
ID
VC
IPP
α
V(BR)
(V)
Min.
Max.
(mA)
(
μA)
(V)
(A)
(mV/°C)
30KP33S
30KP33SC
33
36.7
44.9
50
5000
64.6
496
42
30KP33SA
30KP33SCA
33
36.7
40.6
50
5000
58.6
548
38
30KP36S
30KP36SC
36
40.0
48.9
50
5000
68.2
454
46
30KP36SA
30KP36SCA
36
40.0
44.2
50
5000
61.8
502
41
30KP40S
30KP40SC
40
44.4
54.3
20
1500
75.8
412
51
30KP40SA
30KP40SCA
40
44.4
49.1
20
1500
68.6
456
46
30KP43S
30KP43SC
43
47.8
58.4
10
500
79.0
380
55
30KP43SA
30KP43SCA
43
47.8
52.8
10
500
71.0
430
50
30KP45S
30KP45SC
45
50.0
61.1
5
150
80.7
372
57
30KP45SA
30KP45SCA
45
50.0
55.3
5
150
73.0
410
52
30KP48S
30KP48SC
48
53.3
65.1
5
150
85.9
350
62
30KP48SA
30KP48SCA
48
53.3
58.9
5
150
77.7
386
56
30KP51S
30KP51SC
51
56.7
69.3
5
50
91.5
328
66
30KP51SA
30KP51SCA
51
56.7
62.7
5
50
82.8
362
60
30KP54S
30KP54SC
54
60.0
73.3
5
25
96.8
310
70
30KP54SA
30KP54SCA
54
60.0
66.3
5
25
87.5
342
63
30KP58S
30KP58SC
58
64.4
78.7
5
15
104
288
76
30KP58SA
30KP58SCA
58
64.4
71.2
5
15
94
320
68
30KP60S
30KP60SC
60
66.7
81.5
5
15
107
280
78
30KP60SA
30KP60SCA
60
66.7
73.7
5
15
97.3
304
71
30KP64S
30KP64SC
64
71.1
86.9
5
10
115
260
84
30KP64SA
30KP64SCA
64
71.1
78.6
5
10
104
288
76
30KP70S
30KP70SC
70
77.8
95.1
5
10
126
238
92
30KP70SA
30KP70SCA
70
77.8
86.0
5
10
114
264
83
30KP75S
30KP75SC
75
83.3
102
5
10
135
222
100
30KP75SA
30KP75SCA
75
83.3
92.1
5
10
122
246
89
30KP78S
30KP78SC
78
86.7
106
5
10
140
214
104
30KP78SA
30KP78SCA
78
86.7
95.8
5
10
126
238
93
30KP85S
30KP85SC
85
94.4
115
5
10
152
198
113
30KP85SA
30KP85SCA
85
94.4
104
5
10
137
218
102
30KP90S
30KP90SC
90
100
122
5
10
160
188
120
30KP90SA
30KP90SCA
90
100
111
5
10
146
206
109
30KP100S
30KP100SC
100
111
136
5
10
179
168
134
30KP100SA
30KP100SCA
100
111
123
5
10
162
186
121
30KP110S
30KP110SC
110
122
149
5
10
196
154
147
30KP110SA
30KP110SCA
110
122
135
5
10
178
168
133
30KP120S
30KP120SC
120
133
163
5
10
214
140
161
30KP120SA
30KP120SCA
120
133
147
5
10
193
156
145
30KP130S
30KP130SC
130
144
176
5
10
231
130
174
30KP33S,SC SERIES
30K Watts TVS Diodes
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com