Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1012
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 3 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1025
1025fb
TYPICAL PERFOR A CE CHARACTERISTICS
10mV/
°C Output Temperature
Error LT1025
10mV/
°C Output Temperature
Error LT1025A
Supply Current
TEMPERATURE
TO BE MEASURED
T1
T2
Fe
Cu
Cu
CONSTANTAN
LT1025 MUST BE LOCATED
NEXT TO COLD JUNCTION
FOR TEMPERATURE TRACKING
VS
}
LT1025 • AG01
JUNCTION TEMPERATURE (
°C)
*ERROR CURVE FACTORS IN THE NONLINEARITY
TERM BUILT IN TO THE LT1025. SEE THEORY OF
OPERATION IN APPLICATION GUIDE SECTION
–50
–10
–8
–4
–2
0
10
4
0
50
75
LT1025 • G01
–6
6
8
2
–25
25
100
125
GUARANTEED LIMITS*
LT1025
JUNCTION TEMPERATURE (
°C)
*ERROR CURVE FACTORS IN THE NONLINEARITY
TERM BUILT IN TO THE LT1025. SEE THEORY OF
OPERATION IN APPLICATION GUIDE SECTION
–50
–5
–4
–2
–1
0
5
2
0
50
75
LT1025 • G02
–3
3
4
1
–25
25
100
125
GUARANTEED LIMITS*
LT1025A
SUPPLY VOLTAGE (V)
0
0
20
60
80
100
200
140
10
20
25
LT1025 • G03
40
160
180
120
515
30
35
40
DOES NOT INCLUDE 30
µA
PULL-DOWN CURRENT
REQUIRED FOR TEMPERATURES
BELOW 0
°C
TJ = 125°C
PIN 4 TIED TO PIN 5
TJ = 25°C
TJ = –55°C
The LT1025 was designed to be extremely easy to use, but
the following ideas and suggestions should be helpful in
obtaining the best possible performance and versatility
from this new cold junction compensator.
Theory of Operation
A thermocouple consists of two dissimilar metals joined
together. A voltage (Seebeck EMF) will be generated if the
two ends of the thermocouple are at different
temperatures. In Figure 1, iron and constantan are joined
at the temperature measuring point T1. Two additional
thermocouple junctions are formed where the iron and
constantan connect to ordinary copper wire. For the
purposes of this discussion it is assumed that these two
junctions are at the same temperature, T2. The Seebeck
voltage, VS, is the product of the Seebeck coefficient α,
and the temperature difference, T1 – T2; VS = α (T1 – T2).
The junctions at T2 are commonly called the cold junction
because a common practice is to immerse the T2 junction
in 0
°C ice/water slurry to make T2 independent of room
temperature variations. Thermocouple tables are based
on a cold-junction temperature of 0
°C.
To date, IC manufacturers efforts to make microminiature
thermos bottles have not been totally successful. There-
fore, an electronically simulated cold-junction is required
for most applications. The idea is basically to add a
temperature dependent voltage to VS such that the voltage
sum is the same as if the T2 junction were at a constant 0
°C
instead of at room temperature. This voltage source is
called a cold junction compensator. Its output is designed
to be 0V at 0
°C and have a slope equal to the Seebeck
coefficient over the expected range of T2 temperatures.
Figure 1
To operate properly, a cold junction compensator must be
at exactly the same temperature as the cold junction of the
thermocouple (T2).
Therefore, it is important to locate the
LT1025 physically close to the cold junction with local
temperature gradients minimized. If this is not possible,
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com