Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD724JRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD724JRZ
Description  RGB to NTSC/PAL Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD724JRZ Datasheet(HTML) 2 Page - Analog Devices

  AD724JRZ Datasheet HTML 1Page - Analog Devices AD724JRZ Datasheet HTML 2Page - Analog Devices AD724JRZ Datasheet HTML 3Page - Analog Devices AD724JRZ Datasheet HTML 4Page - Analog Devices AD724JRZ Datasheet HTML 5Page - Analog Devices AD724JRZ Datasheet HTML 6Page - Analog Devices AD724JRZ Datasheet HTML 7Page - Analog Devices AD724JRZ Datasheet HTML 8Page - Analog Devices AD724JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AD724–SPECIFICATIONS
REV. B
–2–
(Unless otherwise noted, VS = +5, TA = +25 C, using FSC synchronous clock. All loads are
150
5% at the IC pins. Outputs are measured at the 75
reverse terminated load.)
Parameter
Conditions
Min
Typ
Max
Units
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full Scale
714
mV p-p
Black Level
1
0.8
V
Input Resistance
2
RIN, GIN, BIN
1
M
Ω
Input Capacitance
5pF
LOGIC INPUTS (HSYNC, VSYNC, FIN, ENCD, STND, SELECT)
CMOS Logic Levels
Logic LO Input Voltage
1V
Logic HI Input Voltage
2V
Logic LO Input Current (DC)
<1
µA
Logic HI Input Current (DC)
<1
µA
VIDEO OUTPUTS
3
Luminance (LUMA)
Roll-Off @ 5 MHz
NTSC
–7
dB
PAL
–6
dB
Gain Error
–15
–3
+15
%
Nonlinearity
±0.3
%
Sync Level
NTSC
243
286
329
mV
PAL
300
mV
DC Black Level
1.3
V
Chrominance (CRMA)
Bandwidth
NTSC
3.6
MHz
PAL
4.4
MHz
Color Burst Amplitude
NTSC
170
249
330
mV p-p
PAL
288
mV
Color Signal to Burst Ratio Error4
±5%
Color Burst Width
NTSC
2.51
µs
PAL
2.28
µs
Phase Error5
±3
Degrees
DC Black Level
2.0
V
Chroma Feedthrough
R, G, B = 0
15
40
mV p-p
Composite (COMP)
Absolute Gain Error
With Respect to Luma
–5
±15
%
Differential Gain
With Respect to Chroma
0.5
%
Differential Phase
With Respect to Chroma
2.0
Degrees
DC Black Level
1.5
V
Chroma/Luma Time Alignment
0ns
POWER SUPPLIES
Recommended Supply Range
Single Supply
+4.75
+5.25
V
Quiescent Current—Encode Mode
6
33
42
mA
Quiescent Current—Power Down
1
mA
NOTES
1R, G, and B signals are inputted via an external ac coupling capacitor.
2Except during dc restore period (back porch clamp).
3All outputs measured at a 75
Ω reverse-terminated load; ac voltages at the IC output pins are twice those specified here.
4Ratio of chroma amplitude to burst amplitude, difference from ideal.
5Difference between ideal color-bar phases and the actual values.
6Driving the logic inputs with VOH < 4 V will increase static supply current approximately 150
µA per input.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com