Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1783CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1783CS5
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT1783CS5 Datasheet HTML 1Page - Linear Technology LT1783CS5 Datasheet HTML 2Page - Linear Technology LT1783CS5 Datasheet HTML 3Page - Linear Technology LT1783CS5 Datasheet HTML 4Page - Linear Technology LT1783CS5 Datasheet HTML 5Page - Linear Technology LT1783CS5 Datasheet HTML 6Page - Linear Technology LT1783CS5 Datasheet HTML 7Page - Linear Technology LT1783CS5 Datasheet HTML 8Page - Linear Technology LT1783CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1783
1
1783fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.25MHz, Over-The-Top
Micropower, Rail-to-Rail Input
and Output Op Amp in SOT-23
The LT®1783 is a 1.25MHz op amp available in the small
SOT-23 package that operates on all single and split supplies
with a total voltage of 2.5V to 18V. The amplifier draws less
than 300μA of quiescent current and has reverse-battery
protection, drawing negligible current for reverse supply
voltages up to 18V.
The input range of the LT1783 includes ground, and a
unique feature of this device is its Over-The-Top® opera-
tion capabilitity with either or both of its inputs above the
positive rail. The inputs handle 18V both differential and
common mode, independent of supply voltage. The input
stage incorporates phase reversal protection to prevent
false outputs from occurring even when the inputs are 9V
below the negative supply.
The LT1783 can drive loads up to 18mA and still maintain
rail-to-rail capability. A shutdown feature on the 6-lead
version can disable the part, making the output high
impedance and reducing quiescent current to 5μA. The
LT1783 op amp is available in the 5- and 6-lead SOT-23
packages. For applications requiring lower power, refer
to the LT1782.
Positive Supply Rail Current Sense
n Operates with Inputs Above V+
n Rail-to-Rail Input and Output
n Micropower: 300μA Supply Current Max
n Operating Temperature Range: –40°C to 125°C
n Gain Bandwidth Product: 1.25MHz
n Slew Rate: 0.42V/μs
n Low Input Offset Voltage: 800μV Max
n Single Supply Input Range: 0V to 18V
n High Output Current: 18mA Min
n Specified on 3V, 5V and ±5V Supplies
n Output Shutdown on 6-Lead Version
n Reverse-Battery Protection to 18V
n High Voltage Gain: 1500V/mV
n Low Profile (1mm) ThinSOT™ Package
n Portable Instrumentation
n Battery- or Solar-Powered Systems
n Sensor Conditioning
n Supply Current Sensing
n Battery Monitoring
n MUX Amplifiers
n 4mA to 20mA Transmitters
Distribution of Input Offset Voltage
–900
–600
–300
0
300
600
900
INPUT OFFSET VOLTAGE (μV)
1783 TA01b
25
20
15
10
5
0
VS = 5V, 0V
VCM = 2.5V
–
+
LT1783
ILOAD
VOUT = 2Ω(ILOAD)
0V TO 4.3V
2N3904
2k
200Ω
1783 TA01
5V
V+
5V TO 18V
200Ω
0.2Ω
LOAD
L, LT, LTC, LTM, Linear Technology, the Linear logo and Over-The-Top are registered
trademarks of Linear Technology Corporation. ThinSOT is a trademark of Linear Technology
Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT1783CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1783CS5 LINER-LT1783CS5 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1783CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com