Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1783HS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1783HS5
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783HS5 Datasheet(HTML) 2 Page - Linear Technology

  LT1783HS5 Datasheet HTML 1Page - Linear Technology LT1783HS5 Datasheet HTML 2Page - Linear Technology LT1783HS5 Datasheet HTML 3Page - Linear Technology LT1783HS5 Datasheet HTML 4Page - Linear Technology LT1783HS5 Datasheet HTML 5Page - Linear Technology LT1783HS5 Datasheet HTML 6Page - Linear Technology LT1783HS5 Datasheet HTML 7Page - Linear Technology LT1783HS5 Datasheet HTML 8Page - Linear Technology LT1783HS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1783
2
1783fd
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)................................ 18V
Input Differential Voltage.......................................... 18V
Input Pin Voltage to V– ............................... +24V/–10V
Shutdown Pin Voltage Above V– ............................. 18V
Shutdown Pin Current ........................................ ±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range (Note 3)
LT1783C ............................................. –40°C to 85°C
LT1783I .............................................. –40°C to 85°C
LT1783H ........................................... –40°C to 125°C
(Note 1)
4
5
3
1
OUT
V–
+IN
V
+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
2
+ –
TJMAX = 150°C, θJA = 250°C/W
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
OUT
V–
+IN
V
+
SHDN
–IN
+ –
TJMAX = 150°C, θJA = 230°C/W
PIN CONFIGURATION
ORDER INFORMATION
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1783CS5#TRMPBF
LT1783CS5#TRPBF
LTLF
5-Lead Plastic SOT-23
0°C to 70°C
LT1783IS5#TRMPBF
LT1783IS5#TRPBF
LTLG
5-Lead Plastic SOT-23
–40°C to 85°C
LT1783HS5#TRMPBF
LT1783HS5#TRPBF
LTXR
5-Lead Plastic SOT-23
–40°C to 125°C
LT1783CS6#TRMPBF
LT1783CS6#TRPBF
LTIU
6-Lead Plastic SOT-23
0°C to 70°C
LT1783IS6#TRMPBF
LT1783IS6#TRPBF
LTIV
6-Lead Plastic SOT-23
–40°C to 85°C
LT1783HS6#TRMPBF
LT1783HS6#TRPBF
LTXS
6-Lead Plastic SOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 4)
LT1783C ............................................. –40°C to 85°C
LT1783I .............................................. –40°C to 85°C
LT1783H ........................................... –40°C to 125°C
Junction Temperature ......................................... 150°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com