Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2513 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # TPS2513
Description  USB Dedicated Charging Port Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2513 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button TPS2513 Datasheet HTML 9Page - Diodes Incorporated TPS2513 Datasheet HTML 10Page - Diodes Incorporated TPS2513 Datasheet HTML 11Page - Diodes Incorporated TPS2513 Datasheet HTML 12Page - Diodes Incorporated TPS2513 Datasheet HTML 13Page - Diodes Incorporated TPS2513 Datasheet HTML 14Page - Diodes Incorporated TPS2513 Datasheet HTML 15Page - Diodes Incorporated TPS2513 Datasheet HTML 16Page - Diodes Incorporated TPS2513 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
REVISION HISTORY
Changes from Original (May 2013) to Revision A
Page
•
Changed the device From: Product Preview To: Production ................................................................................................ 1
Changes from Revision A (May 2013) to Revision B
Page
•
Added device TPS2513A and TPS2514A ............................................................................................................................ 1
•
Changed Feature list to specify TPS251, TPS2513A, TPS2514, and TPS2514A devices .................................................. 1
•
Changed the list of charging schemes items in the Description ........................................................................................... 1
•
Added Table 1 ...................................................................................................................................................................... 2
•
Changed the Divider Mode section of the ELECTRICAL CHARACTERISTICS table to show values for the different
devices .................................................................................................................................................................................. 4
•
Changed the Functional Block Diagram for TPS2513, TPS2513A ...................................................................................... 5
•
Changed the Functional Block Diagram for TPS2514, TPS2514A ...................................................................................... 5
•
Changed section title From: Divider 1 (DCP Applying 2 V on D+ Line and 2.7 V on D– Line) or Divider 2 (DCP
Applying 2.7 V on D+ Line and 2 V on D– Line) To: Divider DCP ..................................................................................... 10
•
Changed text in the Divider DCP paragraph ...................................................................................................................... 10
•
Added Figure 11 ................................................................................................................................................................. 10
•
Changed the DCP Auto-Detect section .............................................................................................................................. 11
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com