Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620S/PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD6620S/PCB
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620S/PCB Datasheet(HTML) 4 Page - Analog Devices

  AD6620S/PCB Datasheet HTML 1Page - Analog Devices AD6620S/PCB Datasheet HTML 2Page - Analog Devices AD6620S/PCB Datasheet HTML 3Page - Analog Devices AD6620S/PCB Datasheet HTML 4Page - Analog Devices AD6620S/PCB Datasheet HTML 5Page - Analog Devices AD6620S/PCB Datasheet HTML 6Page - Analog Devices AD6620S/PCB Datasheet HTML 7Page - Analog Devices AD6620S/PCB Datasheet HTML 8Page - Analog Devices AD6620S/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
–4–
REV. A
AD6620–SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Test
AD6620AS
Parameter
Level
Min
Typ
Max
Unit
VDD
I
3.0
3.3
3.6
V
TAMBIENT
IV
–40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
Test
AD6620AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
LOGIC INPUTS
1, 2, 3, 4, 5, 6, 7 (NOT 5 V TOLERANT)
Logic Compatibility
Full
3.3 V CMOS
Logic “1” Voltage
Full
I
2.0
VDD + 0.3
V
Logic “0” Voltage
Full
I
–0.3
0.8
V
Logic “1” Current
Full
I
1
10
µA
Logic “0” Current
Full
I
1
10
µA
Input Capacitance
25
°CV
4
pF
LOGIC OUTPUTS
2, 4, 7, 8, 9, 10, 11
Logic Compatibility
Full
3.3 V CMOS/TTL
Logic “1” Voltage (IOH = 0.5 mA)
Full
I
2.4
VDD – 0.2
V
Logic “0” Voltage (IOL = 1.0 mA)
Full
I
0.2
0.4
V
IDD SUPPLY CURRENT
CLK = 20 MHz
12
Full
V
52
mA
CLK = 65 MHz
13
Full
I
167
227
mA
Reset Mode
14
Full
I
1
mA
POWER DISSIPATION
CLK = 20 MHz
12
Full
V
170
mW
CLK = 65 MHz
13
Full
I
550
750
mW
Reset Mode14
Full
I
3.3
mW
NOTES
1Input-Only Pins: CLK,
RESET, IN[15:0], EXP[2:0], A/B, PAR/SEL.
2Bidirectional Pins: SYNC_NCO, SYNC_CIC, SYNC_RCF.
3Microinterface Input Pins:
DS (RD), R/W (WR), CS.
4Microinterface Bidirectional Pins: A[2:0], D[7:0].
5JTAG Input Pins:
TRST, TCK, TMS, TDI.
6Serial Mode Input Pins: SDI, SBM, WL[1:0], AD, SDIV[3:0].
7Serial Mode Bidirectional Pins: SCLK, SDFS.
8Output Pins: OUT[15:0], DV
OUT, A/BOUT, I/QOUT.
9Microinterface Output Pins:
DTACK (RDY).
10JTAG Output Pins: TDO.
11Serial Mode Output Pins: SDO, SDFE.
12Conditions for IDD @ 20 MHz. M
CIC2 = 2, MCIC5 = 2, MRCF = 1, 4 RCF taps of alternating positive and negative full scale.
13Conditions for IDD @ 65 MHz. M
CIC2 = 2, MCIC5 = 2, MRCF = 1, 4 RCF taps of alternating positive and negative full scale.
14Conditions for IDD in Reset (
RESET = 0).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com