Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC488CSW
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC488CSW Datasheet HTML 4Page - Linear Technology LTC488CSW Datasheet HTML 5Page - Linear Technology LTC488CSW Datasheet HTML 6Page - Linear Technology LTC488CSW Datasheet HTML 7Page - Linear Technology LTC488CSW Datasheet HTML 8Page - Linear Technology LTC488CSW Datasheet HTML 9Page - Linear Technology LTC488CSW Datasheet HTML 10Page - Linear Technology LTC488CSW Datasheet HTML 11Page - Linear Technology LTC488CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC488/LTC489
12
4889fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1992
LT 0309 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
RS232 Receiver
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Transceiver
Low Power, Half-Duplex
LTC490
Low Power RS485 Full-Duplex Transceiver
Full-Duplex in SO-8
LTC1480
3V, Ultralow Power RS485 Transceiver
1μA Shutdown Mode
LTC1481
3V, Ultralow Power RS485 Transceiver
Lowest Power on 5V Supply
LTC1483
Ultralow Power RS485 Low EMI Transceiver
Low EMI/Low Power with Shutdown
LTC1485
Fast RS485 Transceiver
10Mbps Operation
LTC1487
Ultralow Power RS485 with Low EMI and High Input Impedance
Up to 256 Nodes on a Bus
LTC1685
High Speed RS485 Transceiver
52Mbps, Pin Compatible with LTC485
LTC1686/LTC1687
High Speed RS485 Full-Duplex Transceiver
52Mbps, Pin Compatible LTC490/LTC491
4889 TA02
RS232
IN
5.6k
RX
RECEIVER
1/4 LTC488 OR
1/4 LTC489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com