Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1296BCSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1296BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296BCSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1296BCSW Datasheet HTML 2Page - Linear Technology LTC1296BCSW Datasheet HTML 3Page - Linear Technology LTC1296BCSW Datasheet HTML 4Page - Linear Technology LTC1296BCSW Datasheet HTML 5Page - Linear Technology LTC1296BCSW Datasheet HTML 6Page - Linear Technology LTC1296BCSW Datasheet HTML 7Page - Linear Technology LTC1296BCSW Datasheet HTML 8Page - Linear Technology LTC1296BCSW Datasheet HTML 9Page - Linear Technology LTC1296BCSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1293/LTC1294/LTC1296
129346fs
LTC1296 SSO Source Current vs
VCC – VSSO
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Maximum Clock Rate vs Source
Resistance
DOUT Delay Time vs Temperature
CYCLE TIME (µs)
10
100
1k
10k
10
1k
10k
LTC1293 G12
1
100
+
–
+VIN
CFILTER ≥1µF
RFILTER
Maximum Filter Resistor vs Cycle
Time
Sample and Hold Acquisition
Time vs Source Resistance
RSOURCE+ (Ω)
100
1
10
100
1000
10000
LTC1292 G13
+
–
VIN
RSOURCE+
VREF = 5V
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP
Input Channel leakage Current vs
Temperature
AMBIENT TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
LTC1293 G14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Noise Error vs Reference Voltage
REFERENCE VOLTAGE (V)
0
0
0.25
0.75
1.00
1.25
2
4
5
2.25
0.50
13
1.50
1.75
2.00
LTC1293 G15
LTC1293/4/6 NOISE = 200µVp-p
LTC1296 SSO Sink Current vs
VSSO
100
0.2
0.4
0.6
0.8
1.0
1k
10k
100k
LTC1293 G11
0
VCC = 5V
VREF = 5V
CLK = 1MHz
RSOURCE– (Ω)
+
–
+IN
–IN
+VIN
RSOURCE–
* MAXIMUM CLK FREQUENCY REPRESENTS THE CLK
FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE ERROR
AT ANY CODE TRANSITION FROM ITS 1MHz VALUE IS
FIRST DETECTED.
** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR
VALUE AT WHICH A 0.1LSB CHANGE IN FULL SCALE ERROR
FROM ITS VALUE AT RFILTER = 0Ω IS FIRST DETECTED.
0
300
400
500
0.8
LTC1293 G17
200
100
0
0.2
0.4
0.6
1.0
VCC = 5V
VSSO VOLTAGE (V)
0
300
400
500
0.4
LTC1293 G16
200
0
0.1
0.2
0.3
0.5
0.7
0.6
VCC = 5V
100
VCC – VSSO VOLTAGE (V)
AMBIENT TEMPERATURE (°C)
–50
150
200
250
50
LTC1293 G10
100
0
–25
0
25
75
125
100
VCC = 5V
50
MSB FIRST DATA
LSB FIRST DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com