Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7694ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7694ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD7694ARMZ Datasheet HTML 1Page - Analog Devices AD7694ARMZ Datasheet HTML 2Page - Analog Devices AD7694ARMZ Datasheet HTML 3Page - Analog Devices AD7694ARMZ Datasheet HTML 4Page - Analog Devices AD7694ARMZ Datasheet HTML 5Page - Analog Devices AD7694ARMZ Datasheet HTML 6Page - Analog Devices AD7694ARMZ Datasheet HTML 7Page - Analog Devices AD7694ARMZ Datasheet HTML 8Page - Analog Devices AD7694ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7694
Rev. A | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.25 V; VREF = VDD; TA = –40°C to +85°C, unless otherwise noted.
Table 2.
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VDD + 0.1
−0.1
VDD + 0.1
V
IN−
−0.1
+0.1
−0.1
+0.1
V
Leakage Current at 25°C
Acquisition phase
1
1
nA
Input Impedance
See the Analog Input section
ACCURACY
No Missing Codes
15
16
Bits
Integral Linearity Error
−6
+6
−4
+4
LSB
Transition Noise
REF = VDD = 5 V
0.5
0.5
LSB
Gain Error1, TMIN to TMAX
±2
±30
±2
±15
LSB
Gain Error Temperature Drift
±0.3
±0.3
ppm/°C
Offset Error1, TMIN to TMAX
±0.7
±3.5
±0.7
±3.5
mV
Offset Temperature Drift
±0.3
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±0.05
±0.05
LSB
THROUGHPUT
Conversion Rate
VDD = 4.75 V to 5.25 V
0
250
0
250
kSPS
VDD = 2.7 V to 4.75 V
0
150
0
150
kSPS
AC ACCURACY
Signal-to-Noise
fIN = 20 kHz, VREF = 5 V
90
88
92
dB2
fIN = 20 kHz, VREF = 2.5 V
86
87
dB
Spurious-Free Dynamic Range
fIN = 20 kHz
−100
−106
dB
Total Harmonic Distortion
fIN = 20 kHz
−100
−106
dB
Signal-to-(Noise + Distortion)
fIN = 20 kHz, VREF = 5 V
89
88
92
dB
fIN = 20 kHz, VREF = 2.5 V
86
87
dB
1 See the Terminology section. These specifications include full temperature range variation, but do not include the error contribution from the external reference.
2 All specifications in dB refer to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com