Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1703CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1703CG
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1703CG Datasheet HTML 1Page - Linear Technology LTC1703CG Datasheet HTML 2Page - Linear Technology LTC1703CG Datasheet HTML 3Page - Linear Technology LTC1703CG Datasheet HTML 4Page - Linear Technology LTC1703CG Datasheet HTML 5Page - Linear Technology LTC1703CG Datasheet HTML 6Page - Linear Technology LTC1703CG Datasheet HTML 7Page - Linear Technology LTC1703CG Datasheet HTML 8Page - Linear Technology LTC1703CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC1703
1703fa
(Note 1)
Supply Voltage
VCC........................................................................................... 7V
BOOST
n ............................................................... 15V
BOOST
n – SWn .................................................... 7V
Input Voltage
SW
n .......................................................... – 1V to 8V
VID
n ....................................................... – 0.3V to 7V
All Other Inputs ......................... – 0.3V to VCC + 0.3V
Peak Output Current < 10
µs
TG
n, BGn ............................................................... 5A
Operating Temperature Range
LTC1703C .............................................. 0
°C to 85°C
LTC1703I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 55°C/ W
LTC1703CG
LTC1703IG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PVCC
BOOST1
BG1
TG1
SW1
IMAX1
FCB
RUN/SS1
COMP1
SGND
FB1
SENSE
VID0
VID1
IMAX2
BOOST2
BG2
TG2
SW2
PGND
FAULT
RUN/SS2
COMP2
FB2
VCC
VID4
VID3
VID2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VCC
VCC Supply Voltage
●
37
V
PVCC
PVCC Supply Voltage
(Note 2)
●
37
V
BVCC
BOOST Pin Voltage
VBOOST – VSW (Note 2)
●
2.7
7
V
ICC
VCC Supply Current
Test Circuit 1
●
2.2
8
mA
RUN/SS1 = RUN/SS2 = 0V (Note 5)
●
30
100
µA
IPVCC
PVCC Supply Current
Test Circuit 1 (Note 4)
●
2.2
6
mA
RUN/SS1 = RUN/SS2 = 0V (Note 5)
●
6
100
µA
IBOOST
BOOST Pin Current
Test Circuit 1 (Note 4)
●
1.3
3
mA
RUN/SS1 = RUN/SS2 = 0V
●
0.1
10
µA
VFB
Feedback Voltage
Test Circuit 1, LTC1703C
●
0.792
0.800
0.808
V
Test Circuit 1, LTC1703I
●
0.790
0.800
0.810
V
∆VFB
Feedback Voltage Line Regulation
VCC = 3V to 7V
●
±0.005
±0.05
%/V
IFB
Feedback Current
FB2 Only (Note 8)
●
±0.001
±1
µA
∆VOUT
Output Voltage Load Regulation
(Note 6)
●
0.1
±0.2
%
VFCB
FCB Threshold
●
0.75
0.8
0.85
V
∆VFCB
FCB Feedback Hysteresis
20
mV
IFCB
FCB Pin Current
●
±0.001
±1
µA
VRUN
RUN/SS Pin RUN Threshold
●
0.45
0.55
0.65
V
ISS
Soft Start Source Current
RUN/SS
n = 0V
– 1.5
– 3.5
– 5.5
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V unless otherwise specified. (Note 3)
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com