Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7683 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7683
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7683 Datasheet HTML 5Page - Analog Devices AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices AD7683 Datasheet HTML 10Page - Analog Devices AD7683 Datasheet HTML 11Page - Analog Devices AD7683 Datasheet HTML 12Page - Analog Devices AD7683 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7694
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
4
–4
–3
–2
–1
0
1
2
3
0
32768
16384
49152
65536
CODE
POSITIVE INL = +0.68 LSB
NEGATIVE INL = –1.14 LSB
Figure 5. Integral Nonlinearity vs. Code
12000
10000
8000
6000
4000
2000
0
24E0
24E1
24E2
24E3
24E4
24E5
24E6
24E7
24E8
CODE IN HEX
00
1
0
0
12500
10003
0
108568
VDD = REF = 5V
Figure 6. Histogram of a DC Input at the Code Center
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
20
40
60
80
100
120
FREQUENCY (kHz)
16384 POINT FFT
VDD = REF = 5V
fS = 250kSPS
fIN = 20.43kHz
SNR = 92.5dB
THD = –109.9dB
SFDR = –111.0dB
Figure 7. FFT Plot
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
32768
16384
49152
65536
CODE
POSITIVE DNL = +0.59 LSB
NEGATIVE DNL = –0.56 LSB
Figure 8. Differential Nonlinearity vs. Code
8000
7000
6000
5000
4000
3000
2000
1000
0
251B 251C 251D 251E 251F 2520 2521 2522 2523 2524 2525 2526
CODE IN HEX
VDD = REF = 2.5V
00
27
2808
50
10
0
28148
65487
2133
32418
Figure 9. Histogram of a DC Input at the Code Center
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
203040
506070
FREQUENCY (kHz)
16384 POINT FFT
VDD = REF = 2.5V
fS = 150kSPS
fIN = 20.43kHz
SNR = 88.5dB
THD = –102.7dB
SFDR = –105.1dB
Figure 10. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com