Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1445CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1445CS
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1445CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1445CS Datasheet HTML 6Page - Linear Technology LTC1445CS Datasheet HTML 7Page - Linear Technology LTC1445CS Datasheet HTML 8Page - Linear Technology LTC1445CS Datasheet HTML 9Page - Linear Technology LTC1445CS Datasheet HTML 10Page - Linear Technology LTC1445CS Datasheet HTML 11Page - Linear Technology LTC1445CS Datasheet HTML 12Page - Linear Technology LTC1445CS Datasheet HTML 13Page - Linear Technology LTC1445CS Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC1443/LTC1444/LTC1445
10
144345fe
applicaTions inForMaTion
Level Detector
The LTC1444 is ideal for use as a multisupply micropower
level detector as shown in Figure 5.
R1 and R2 form a voltage divider from V1 to the non-
inverting comparator A input. R6 and R7 are used to
divide down V2, while R8 is the output pull-up resistor
for the comparator outputs. R3 and R4 set the hysteresis
voltage and R5 and C1 bypass the reference output.
IN A+
5
OUT B
OUT A
V+
R3
15k, 1%
R5
430
5%
R4
2.4M
1%
C1
1.0µF
IN A–
HYST
REF
4
14
8
IN B+
7
IN B–
6
–
+
144345 F05
1/2LTC1444
3
9
2
1
R1
1.21M
1%
R2
3.40M
1%
V1
R7
1.21M
1%
R6
1.82M
1%
V2
R8
2M
1%
5V
–
+
V–
1.2V
+–
Figure 5. Glitch-Free Level Detector with Hysteresis
The following design procedure can be used to select the
component values:
1. Choose the V1 voltage trip level, in this example 4.65V.
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.221V/4.65V = 0.263
3. Choosetherequiredhysteresisvoltagebandattheinput,
VHBIN, in this example 60mV. Calculate the hysteresis
voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.263)
VHB = 15.78mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(kΩ) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R1 = VREF/IBIAS = 1.221V/1µA ≈ 1.21M
R2
= R1
( )
VIN
VREF +
VHB
2
− 1
R2
= 1.21M
(
)
4.65V
1.221V
+ 15mV
2
− 1
R2
= 3.40M
Using the same equations, R6 and R7 are 1.82M and
1.21M, respectively, to set the trip level at 3V for V2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com