Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865LACMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1865LACMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865LACMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1865LACMS Datasheet HTML 2Page - Linear Technology LTC1865LACMS Datasheet HTML 3Page - Linear Technology LTC1865LACMS Datasheet HTML 4Page - Linear Technology LTC1865LACMS Datasheet HTML 5Page - Linear Technology LTC1865LACMS Datasheet HTML 6Page - Linear Technology LTC1865LACMS Datasheet HTML 7Page - Linear Technology LTC1865LACMS Datasheet HTML 8Page - Linear Technology LTC1865LACMS Datasheet HTML 9Page - Linear Technology LTC1865LACMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC1864/LTC1865
6
18645fb
RECOMMENDED OPERATING CONDITIONS The ● denotes specifications which apply over the
full operating temperature range, otherwise specifications are TA = 25°C.
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4.75
5.25
V
fSCK
Clock Frequency
H-Grade
●
●
20
16.7
MHz
MHz
tCYC
Total Cycle Time
16 • SCK + tCONV
μs
tSMPL
Analog Input Sampling Time
LTC1864 (Note 5)
LTC1865 (Note 5)
16
14
SCK
SCK
tsuCONV
Setup Time CONV↓ Before First SCK↑
(See Figure 1)
H-Grade
60
65
30
30
ns
ns
thDI
Hold Time SDI After SCK↑
LTC1865
15
ns
tsuDI
Setup Time SSDI Stable Before SCK↑
LTC1865
15
ns
tWHCLK
SCK High Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWLCLK
SCK Low Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWHCONV
CONV High Time Between Data Transfer
Cycles
(Note 5)
tCONV
μs
tWLCONV
CONV Low Time During Data Transfer
(Note 5)
16
SCK
thCONV
Hold Time CONV Low After Last SCK↑
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com