Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865LCMS Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1865LCMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865LCMS Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1865LCMS Datasheet HTML 16Page - Linear Technology LTC1865LCMS Datasheet HTML 17Page - Linear Technology LTC1865LCMS Datasheet HTML 18Page - Linear Technology LTC1865LCMS Datasheet HTML 19Page - Linear Technology LTC1865LCMS Datasheet HTML 20Page - Linear Technology LTC1865LCMS Datasheet HTML 21Page - Linear Technology LTC1865LCMS Datasheet HTML 22Page - Linear Technology LTC1865LCMS Datasheet HTML 23Page - Linear Technology LTC1865LCMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC1864/LTC1865
24
18645fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1207 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
14-Bit Serial I/O ADCs
LTC1417
400ksps
20mW
16-Pin SSOP, Unipolar or Bipolar, Reference, 5V or ±5V
LTC1418
200ksps
15mW
Serial/Parallel I/O, Internal Reference, 5V or ±5V
16-Bit Serial I/O ADCs
LTC1609
200ksps
65mW
Configurable Bipolar or Unipolar Input Ranges, 5V
References
LT1460
Micropower Precision Series Reference
Bandgap, 130μA Supply Current, 10ppm/°C, Available in SOT-23
LT1790
Micropower Low Dropout Reference
60μA Supply Current, 10ppm/°C, SOT-23
Op Amps
LT1468/LT1469
Single/Dual 90MHz, 16-Bit Accurate Op Amps
22V/μs Slew Rate, 75μV/125μV Offset
LT1806/LT1807
Single/Dual 325MHz Low Noise Op Amps
140V/μs Slew Rate, 3.5nV/√Hz Noise, –80dBc Distortion
LT1809/LT1810
Single/Dual 180MHz Low Distortion Op Amps
350V/μs Slew Rate, –90dBc Distortion at 5MHz
Sample Two Channels Simultaneously with a Single Input ADC
4096 Point FFT of Output
–
+
–
+
0.1μF
0.1μF
0.1μF
0.1μF
1μF
1μF
0.1μF1μF
100Ω
100Ω
28.7k
10k
4.096V
REF
5V
5V
5k
5k
10k
20k
100pF
100pF
5pF
1/2
LT1492
1/2
LT1492
f1
(0V TO 0.66V)
f2
(0V TO 2V)
8
4
2
81
7
6
5
4
3
4.096V
REF
LTC1864
IN+
IN–
VCC
GND
CONV
SDO
SCK
REF
18645 TA03a
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
5
10 15 20 25 30 35 40 45 50
FREQUENCY (kHz)
18645 TA03b
f1 = 7.507324kHz AT 530mVP-P
f2 = 45.007324kHz AT 1.7VP-P
fS = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com