Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2802 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2802
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802 Datasheet(HTML) 1 Page - Linear Technology

  LTC2802 Datasheet HTML 1Page - Linear Technology LTC2802 Datasheet HTML 2Page - Linear Technology LTC2802 Datasheet HTML 3Page - Linear Technology LTC2802 Datasheet HTML 4Page - Linear Technology LTC2802 Datasheet HTML 5Page - Linear Technology LTC2802 Datasheet HTML 6Page - Linear Technology LTC2802 Datasheet HTML 7Page - Linear Technology LTC2802 Datasheet HTML 8Page - Linear Technology LTC2802 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
Product Selection Guide
1.8V to 5.5V RS-232
Single and Dual Transceivers
tyPical aPPlication
FeatureS
aPPlicationS
deScriPtion
The LTC®2801/LTC2802/LTC2803/LTC2804 are single and
dual RS-232 transceivers in narrow SSOP and chip-scale
DFN packages. All operate over a supply range of 1.8V to
5.5V, which permits operation directly from two alkaline,
NiCd or NiMH cells. An integrated DC-to-DC converter
generates power supplies for driving RS-232 levels. A
logic supply pin allows easy interfacing with different logic
levels independent of the DC-DC supply.
These parts are compatible with the TIA/EIA-232-F stan-
dard. Driver outputs are protected from overload and can
be shorted to ground or up to ±15V without damage. To
extend battery life, receivers can be kept active, operating
at reduced speed, with only 15µA current. In shutdown
mode, current is further reduced to 1µA.
n
1.8V to 5.5V Supply Voltage
n
Single and Dual Transceivers
n
High-Speed Operation
1Mbps for 250pF/3kΩ Load (LTC2802, LTC2804)
250kbps for 1nF/3kΩ Load
100kbps for 2.5nF/3kΩ TIA/EIA-232-F Load
n
Low-Power 1µA Shutdown and 15µA Receivers-
Active Modes
n
No Damage or Latchup to ±10kV ESD on RS-232
Interface
n
Logic Supply Pin for Easy Level-Shifting to UART or
Microprocessor
n
Low-Latency Output Enable Allows Line Sharing and
Half-Duplex Operation
n
True RS-232 Compliant Output Levels
n
Small Footprint:
LTC2801/LTC2802 4mm
× 3mm DFN Package
LTC2803/LTC2804 Narrow SSOP-16 and
5mm
× 3mm DFN Packages
n
Battery-Powered Systems
n
Computers and Consumer Electronics
n
Diagnostic Ports
LTC2802 at 1.8V and 1Mbps
TIN
TOUT
ROUT
2V/DIV
5V/DIV
2V/DIV
400ns/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
2801 TA01b
VCC
VL
PS
MODE
TIN
ROUT
GND
SW
CAP
TOUT
RIN
VEE
LTC2802
2801 TA01a
L1
10µH
C2
1µF
C3
1µF
C1
220nF
1.8V TO 5.5V
OFF ON
VDD
C4
1µF
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PART NUMBER
DRIVERS AND
RECEIVERS
MAXIMUM
DATA RATE
MODES*
PACKAGE
LTC2801
1 + 1
0.25Mbps SD, RA, DD, AO DFN-12
LTC2802
1 + 1
1Mbps
SD, RA, DD, AO DFN-12
LTC2803
2 + 2
0.25Mbps SD, RA, DD, AO DFN-16
LTC2803-1
2 + 2
0.25Mbps
SD, AO
SSOP-16
LTC2804
2 + 2
1Mbps
SD, RA, DD, AO DFN-16
LTC2804-1
2 + 2
1Mbps
SD, AO
SSOP-16
*SD = Shutdown, RA = Receiver Active (low power), DD = Drivers
Disabled, AO = All On


Similar Part No. - LTC2802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2802 LINER-LTC2802 Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802 Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802 Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Analog Devices
LTC2802 AD-LTC2802 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results

Similar Description - LTC2802

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EB_0511 SIPEX-SP3222EB_0511 Datasheet
681Kb / 25P
CorporationTrue 3.0V to 5.5V RS-232 Transceivers
logo
Linear Technology
LTC2801 LINER-LTC2801 Datasheet
385Kb / 16P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801CDE LINER-LTC2801CDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803 LINER-LTC2803_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2804 LINER-LTC2804_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com