Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2802IDE Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2802IDE Datasheet HTML 3Page - Linear Technology LTC2802IDE Datasheet HTML 4Page - Linear Technology LTC2802IDE Datasheet HTML 5Page - Linear Technology LTC2802IDE Datasheet HTML 6Page - Linear Technology LTC2802IDE Datasheet HTML 7Page - Linear Technology LTC2802IDE Datasheet HTML 8Page - Linear Technology LTC2802IDE Datasheet HTML 9Page - Linear Technology LTC2802IDE Datasheet HTML 10Page - Linear Technology LTC2802IDE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
tyPical PerForMance characteriSticS
Receiver Input Threshold
vs Temperature
Receiver Output Voltage
vs Load Current
Receiver Output Duty Cycle
Driver Slew Rate
vs Load Capacitance
Driver Short-Circuit Current
vs Temperature
Shutdown or Drivers Disabled Mode
Driver Leakage vs Temperature
Logic Input Threshold
vs VL Supply Voltage
LTC2804 Driver Outputs Exiting
Shutdown
LTC2804 Driver Outputs
Enable/Disable
TA = 25°C, VCC = VL = 3.3V unless otherwise noted.
TEMPERATURE (°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
2801 GO7
–25
0
50
100
125
INPUT HIGH
INPUT LOW
VL = 5.5V
VL = 3.3V
VL = 1.8V
LOAD CURRENT (mA)
2801 GO8
6
5
4
3
2
1
0
0
2
4
5
1
3
6
7
8
VL = 5.5V
VL = 3.3V
VL = 1.8V
VL = 5.5V
VL = 3.3V
VL = 1.8V
RECEIVERS
ALIVE MODE
NORMAL
MODE
RIN = ±3V
CL = 150pF
10
100
80
60
40
20
0
100
1000
10000
2801 GO9
DATA RATE (kbps)
LOAD CAPACITANCE (nF)
0
3
5
2801 G10
1
2
4
80
70
60
50
40
30
20
10
0
FALLING (LTC2802/04)
RISING (LTC2802/04)
FALLING (LTC2801/03)
RISING (LTC2801/03)
TEMPERATURE (°C)
–50
60
50
40
30
20
10
0
25
75
2801 G11
–25
0
50
100
125
SINKING
SOURCING
REGULATOR CAN
LIMIT FURTHER
VL SUPPLY VOLTAGE (V)
1
3.0
2.5
2.0
1.5
1.0
0.5
0
2
3
4
5
2801 G13
6
INPUT HIGH
INPUT LOW
TA = 85°C
TA = 25°C
TA = –40°C
10–6
10–7
10–8
10–9
10–10
10–11
2801 G12
V(TOUT) = 15V OR
V(TOUT) = –15V
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
2V/DIV
5V/DIV
T2OUT
T1OUT
MODE AND PS
VCC = 3.3V
VL = 1.8V
LOAD = 3k + 2.5nF
100µs/DIV
2801 G14
2V/DIV
5V/DIV
T2OUT
T1OUT
MODE
VCC = 3.3V
VL = 1.8V
LOAD = 3k + 250pF
2µs/DIV
2801 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com