Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375-05ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL5375-05ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-05ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL5375-05ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADL5375
Data Sheet
Rev. C | Page 30 of 36
EVALUATION BOARD
Populated RoHS-compliant evaluation boards are available
for evaluation of the ADL5375. The ADL5375 package has an
exposed paddle on the underside. This exposed paddle should
be soldered to the board for good thermal and electrical grounding.
The evaluation board is designed to minimize LO feedthrough
to RFOUT through PCB by placing LO block on the underside.
And it can be configured to allow differential LO driving through
balun or direct interfacing to the PLL evaluation board. It also
reserves component pads in its LO path to accommodate a
harmonic filter. One side placement of baseband inputs is to
interface directly to DAC evaluation board. The ADL5375
evaluation board also includes an RF driver amplifier. The
modulator output can be measured directly at the MOD_OUT
SMA connector. Alternatively, by removing R1, and installing a
0 Ω resistor in the R2 pad, the modulator’s output can be fed to
the RF driver amplifier.
The evaluation board ships, installed with an ADL5320 driver
amplifier (400 MHz to 2700 MHz RF driver amplifier). This
device requires external matching components (C100 and C101)
and is tuned by default for operation from 1805 MHz to 2170 MHz.
For details on tuning component values for other frequencies,
please refer to the ADL5320 data sheet (the driver amplifier section
of the ADL5375 Evaluation Board is identical to the ADL5320
Evaluation Board). For higher frequency operation, the ADL5320
should be replaced by the ADL5321, which is specified to operate
from 2.3 GHz to 4 GHz. If a broadband matched device is desired,
the ADL5601 (15 dB) or ADL5602 (20 dB) broadband gain blocks
can be used.
VPS1
RFOUT
COMM
NC
COMM
NC
NC
DSOP
R15
49.9Ω
VPOS
B
A
LOIP
COMM
LOIN
COMM
1
2
3
4
5
6
18
17
16
15
14
13
C1
100pF
R12
100Ω
S1
C5
0.1µF
C3
100pF
VPOS
EXPOSED PADDLE
ADL5375
C2
100pF
C4
0.1µF
R6
10kΩ
QBBN
QBBP
LOIP
C7
100pF
R16
D.N.I
LOIN
R7
100Ω
IBBN
IBBP
VPOS
RED
1
2
(2)
3
U2
ADL5320
C9 10µF
C10 10nF
C11 22pF
L1
15nH
VPOS_AMP
RED
C12
22pF
C101 (C7)
1.5pF
AMP_OUT
C100 (C3)
0.5pF
λ1
λ3
λ4
λ2
AGND
DSOP
YELLOW
AGND
R14
0Ω
R19
R18
0Ω
C17
D.N.I
AGND
AGND
AGND
AMP_IN
MOD_OUT
AGND
AGND
AGND
AGND
AGND
AGND
AGND
VPOS
R13
0Ω
C6
100pF
T1
TC1-1-43A+**
C16
D.N.I
R17*
0Ω
1
6
4
3
1
2
3
4
5
6
T2
3600BL14M050
T2A 5400BL15B050
JOHANSON
TECHNOLOGY**
NC
R21*
0Ω
R20 D.N.I
R22**
D.N.I
R2
0Ω
* SINGLE-ENDED LO DRIVING AT LOIP.
** DIFFERENTIAL LO DRIVING AT LOIP WITH T1 OR T2.
*** ADL5320 STAND-ALONE TEST.
C18
D.N.I
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
GND
BLACK
D.N.I
R1***
D.N.I
U1
Figure 75. ADL5375 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com