Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6010ACPZN-R2
Description  Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6010ACPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6010ACPZN-R2 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADL6010
Preliminary Technical Data
Rev. PrB | Page 8 of 10
Figure 9 VOUT and Conformance Error vs. Pin and Temperature at 30GHz
(Data Truncated by Measurement Setup).
Figure 10 VOUT and Conformance Error vs. Pin and Temperature at 35GHz
(Data Truncated by Measurement Setup).
Figure 11 VOUT and Conformance Error vs. Pin and Temperature at 40GHz
(Data Truncated by Measurement Setup).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com