Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3548 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 2 Page - Linear Technology

  LTC3548 Datasheet HTML 1Page - Linear Technology LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3548
2
3548fc
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3548EDD#PBF
LTC3548EDD#TRPBF
LBNJ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3548IDD#PBF
LTC3548IDD#TRPBF
LBNJ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3548EMSE#PBF
LTC3548EMSE#TRPBF
LTBNH
10-Lead Plastic MSOP
–40°C to 85°C
LTC3548IMSE#PBF
LTC3548IMSE#TRPBF
LTBNH
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VIN Voltages.................................................– 0.3V to 6V
VFB1, VFB2 Voltages ...........................– 0.3V to VIN +0.3V
RUN1, RUN2 Voltages ................................ – 0.3V to VIN
MODE/SYNC Voltage .......................– 0.3V to VIN + 0.3V
SW1, SW2 Voltage...........................– 0.3V to VIN + 0.3V
POR Voltage.................................................– 0.3V to 6V
(Note 1)
Operating Temperature Range (Note 2)....–40°C to 85°C
Junction Temperature (Note 5) ............................. 125°C
Storage Temperature Range...................– 65°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSE Only.......................................................... 300°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
l
2.5
5.5
V
IFB
Feedback Pin Input Current
l
30
nA
VFB
Feedback Voltage (Note 3)
0°C ≤ TA ≤ 85°C
–40°C ≤ TA ≤ 85°C
l
0.588
0.585
0.6
0.6
0.612
0.612
V
V
ΔVLINEREG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%V
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VFB2
RUN2
POR
SW2
MODE/
SYNC
VFB1
RUN1
VIN
SW1
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
(SOLDERED TO A 4-LAYER BOARD)
TOP VIEW
1
2
3
4
5
VFB1
RUN1
VIN
SW1
GND
10
9
8
7
6
VFB2
RUN2
POR
SW2
MODE/
SYNC
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
(SOLDERED TO A 4-LAYER BOARD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com