Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4061 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 12Page - Linear Technology LTC4061 Datasheet HTML 13Page - Linear Technology LTC4061 Datasheet HTML 14Page - Linear Technology LTC4061 Datasheet HTML 15Page - Linear Technology LTC4061 Datasheet HTML 16Page - Linear Technology LTC4061 Datasheet HTML 17Page - Linear Technology LTC4061 Datasheet HTML 18Page - Linear Technology LTC4061 Datasheet HTML 19Page - Linear Technology LTC4061 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC4061

4061fd
package DescripTion
MOSFET, MP1, is used to prevent back conducting into the
USB port when a wall adapter is present and a Schottky
diode, D1, is used to prevent USB power loss through the
1k
Ω pull-down resistor.
Typically a wall adapter can supply more current than
the 500mA limited USB port. Therefore, an N-channel
MOSFET, MN1, and an extra 3.3k
Ω program resistor are
used to increase the charge current to 800mA when the
wall adapter is present.
+
VCC
D1
PROG
IDET
3.3k
2k
MN1
5V WALL
ADAPTER
ICHG = 800mA
USB POWER
ICHG = 500mA
MP1
4061 F08
BAT
LTC4061
1.25k
Li-Ion
BATTERY
SYSTEM
LOAD
1k
C/5
Figure8.CombiningWallAdapterandUSBPower
3.00 0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 0.10
(2 SIDES)
0.75 0.05
R = 0.125
TYP
2.38 0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN REV C 0310
0.25 0.05
2.38 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 0.05
(2 SIDES)
2.15 0.05
0.50
BSC
0.70 0.05
3.55 0.05
PACKAGE
OUTLINE
0.25 0.05
0.50 BSC
PIN 1 NOTCH
R = 0.20 OR
0.35 45
CHAMFER
DDPackage
10-LeadPlasticDFN(3mm
×3mm)
(Reference LTC DWG # 05-08-1699 Rev C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com