Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5421 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 5Page - Analog Devices ADG5421 Datasheet HTML 6Page - Analog Devices ADG5421 Datasheet HTML 7Page - Analog Devices ADG5421 Datasheet HTML 8Page - Analog Devices ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADG5421/ADG5423
Rev. 0 | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1
Source Terminal 1. This pin can be an input or output.
2
S2
Source Terminal 2. This pin can be an input or output.
3
NC
No Connect. Not internally connected.
4
GND
Ground (0 V) Reference.
5
VDD
Most Positive Power Supply Potential.
6
IN2
Logic Control Input.
7
IN1
Logic Control Input.
8
VSS
Most Negative Power Supply Potential.
9
D2
Drain Terminal 2. This pin can be an input or output.
10
D1
Drain Terminal 1. This pin can be an input or output.
Table 8. ADG5421 Truth Table
INx
Switch Conditions
0
Off
1
On
Table 9. ADG5423 Truth Table
INx
Switch 1 Condition
Switch 2 Condition
0
Off
On
1
On
Off
NOTES
1. NC = NO CONNECT. NOT INTERNALLY CONNECTED.
S1
1
S2
2
NC
3
GND
4
VDD 5
D1
10
D2
9
VSS
8
IN1
7
IN2
6
TOP VIEW
(Not to Scale)
ADG5421/
ADG5423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com