Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331BST Datasheet(PDF) 2 Page - Analog Devices

Part # ADMC331BST
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BST Datasheet(HTML) 2 Page - Analog Devices

  ADMC331BST Datasheet HTML 1Page - Analog Devices ADMC331BST Datasheet HTML 2Page - Analog Devices ADMC331BST Datasheet HTML 3Page - Analog Devices ADMC331BST Datasheet HTML 4Page - Analog Devices ADMC331BST Datasheet HTML 5Page - Analog Devices ADMC331BST Datasheet HTML 6Page - Analog Devices ADMC331BST Datasheet HTML 7Page - Analog Devices ADMC331BST Datasheet HTML 8Page - Analog Devices ADMC331BST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
–2–
REV. B
ADMC331–SPECIFICATIONS (V
DD = +5 V
10%, GND = SGND = 0 V, TA = –40 C to +85 C, unless otherwise noted)
Parameter
Min
Typ
Max
Units
Conditions/Comments
ANALOG-TO-DIGITAL CONVERTER
Charging Capacitor = 1000 pF
2.5 kHz Sample Frequency
Signal Input
0.3
3.3
1
V
Resolution
12
2
Bits
No Missing Codes
Converter Linearity
2
12
LSBs
Zero Offset
5
50
mV
Channel-to-Channel Comparator Match
22
mV
Comparator Delay
600
ns
Current Source
10.16
12.7
15.24
µA
Current Source Linearity
2
%
ELECTRICAL CHARACTERISTICS
VIL
Logic Low
0.8
V
VIH
Logic High
2
V
VOL
Low Level Output Voltage
0.4
V
IOL = 2 mA
VOL
Low Level Output Voltage (XTAL)
0.5
V
IOL = 2 mA
VOH
High Level Output Voltage
4
V
IOH = 0.5 mA
IIL
Low Level Input Current
–10
µAVIN = 0 V
IIH
High Level Input Current
10
µAVIN = VDD
IIH
Hi-Level
PWMTRIP, PIO0–PIO23 Current
100
µA@ V
DD = max, VIN = VDD max
IIH
Hi-Level PWMPOL/
PWMSR Current
10
µA@ VDD = max, VIN = VDD max
IIL
Lo-Level
PWMTRIP, PIO0–PIO23 Current
10
µA@ VDD = max, VIN = 0 V
IIL
Lo-Level PWMPOL/
PWMSR Current
100
µA@ V
DD = max, VIN = 0 V
IDD
Supply Current (Dynamic)
120
mA
13 MHz DSP Clock
IDD
Supply Current (Idle)
60
mA
13 MHz DSP Clock
REFERENCE VOLTAGE OUTPUT
Voltage Level
2.2
2.55
2.9
V
100
µA Load
Output Voltage Change TMIN to TMAX
20
mV
16-BIT PWM TIMER
Counter Resolution
16
Bits
Edge Resolution (Single Update Mode)
76.9
ns
13 MHz CLKIN
Edge Resolution (Double Update Mode)
38.5
ns
13 MHz CLKIN
Programmable Deadtime Range
0
78
µs
13 MHz CLKIN
Programmable Deadtime Increments
76.9
ns
13 MHz CLKIN
Programmable Pulse Deletion Range
0
78
µs
13 MHz CLKIN
Programmable Pulse Deletion Increments
76.9
ns
13 MHz CLKIN
PWM Frequency Range
0.198
kHz
13 MHz CLKIN
PWMSYNC Pulsewidth (TCRST)
0.077
9.8
µs
13 MHz CLKIN
Gate Drive Chop Frequency Range
0.02
6.5
MHz
13 MHz CLKIN
AUXILIARY PWM TIMERS
Resolution
8
Bits
PWM Frequency
0.051
6.5
MHz
13 MHz CLKIN
NOTES
1Signal input max V = 3.5 V if V
DD = 5 V
± 5%.
2Resolution varies with PWM switching frequency (13 MHz Clock in Double Update mode), 50.7 kHz = 9 bits, 6.3 kHz = 12 bits.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com