Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151ACPZ-1.2-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP151ACPZ-1.2-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151ACPZ-1.2-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP151ACPZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
3.35
3.25
3.27
3.29
3.31
3.33
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
Figure 7. Output Voltage vs. Junction Temperature
3.35
3.25
3.27
3.29
3.31
3.33
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 8. Output Voltage vs. Load Current
3.35
3.25
3.27
3.29
3.31
3.33
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
Figure 9. Output Voltage vs. Input Voltage
1k
100
10
1
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
Figure 10. Ground Current vs. Junction Temperature
1k
10
100
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 11. Ground Current vs. Load Current
VIN (V)
1k
10
100
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
Figure 12. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com