Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS44C Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS44C
Description  NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS44C Datasheet(HTML) 1 Page - Dubilier

  DBCRJS44C Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
349
NETWORKING SOCKETS
MINI LOW PROFILE SIDE ENTRY PCB JACK
SPECIFICATION
ORDERING INFORMATION
OUTLINE DRAWING
Industry compatible
Competitively priced
Gold plated contacts
2.54 mm pitch
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Black
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +105˚C
18.10
7.88
B
PCB Hole Pattern
c
2.54
11.43
2-ø3.25
8-ø0.89
8.89
2.54
18.10
7.88
B
PCB Hole Pattern
c
2.54
11.43
2-ø3.25
8-ø0.89
8.89
2.54
DBC
RJ
S
66
Dubilier
Connectors
Series
Contact Type
S = Socket
Style
C = Mini Low
Profile Side
Entry PCB Jack
C
No. of Ways x
No. of loaded
contacts
4 x 4
6 x 6
8 x 8
10 x 10
No of
Dimensions
Positions
A
B
C
4
11.21
7.62
3.81
6
31.21
10.16
6.35
8
15.24
11.43
8.89
10
15.24
11.43
11.43
www.dubilier.co.uk


Similar Part No. - DBCRJS44C

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS44C DUBILIER-DBCRJS44C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
More results

Similar Description - DBCRJS44C

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com