Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8512FP Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8512FP
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FP Datasheet(HTML) 3 Page - Analog Devices

  DAC8512FP Datasheet HTML 1Page - Analog Devices DAC8512FP Datasheet HTML 2Page - Analog Devices DAC8512FP Datasheet HTML 3Page - Analog Devices DAC8512FP Datasheet HTML 4Page - Analog Devices DAC8512FP Datasheet HTML 5Page - Analog Devices DAC8512FP Datasheet HTML 6Page - Analog Devices DAC8512FP Datasheet HTML 7Page - Analog Devices DAC8512FP Datasheet HTML 8Page - Analog Devices DAC8512FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
–3–
DAC8512
WAFER TEST LIMITS (@ V
DD = +5.0 V
5%, TA = +25 C, applies to part number DAC8512GBC only, unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC PERFORMANCE
Relative Accuracy
INL
–2
±3/4
+2
LSB
Differential Nonlinearity
DNL
No Missing Codes
–1
±0.7
+1
LSB
Zero-Scale Error
VZSE
Data = 000H
+1/2
+3
LSB
Full-Scale Voltage
VFS
Data = FFFH
4.085
4.095
4.105
V
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
10
µA
SUPPLY CHARACTERISTICS
Positive Supply Current
IDD
VIH = 2.4 V, VIL= 0.8 V, No Load
1.5
2.5
mA
VDD = 5 V, VIL = 0 V, No Load
0.5
1
mA
Power Dissipation
PDISS
VIH = 2.4 V, VIL = 0.8 V, No Load
7.5
12.5
mW
VDD = 5 V, VIL = 0 V, No Load
2.5
5
mW
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.002
0.004
%/%
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +10 V
Logic Inputs to GND . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . . (TJ max – TA)/
θ
JA
Thermal Resistance
θ
JA
8-Pin Plastic DIP Package (P) . . . . . . . . . . . . . . . . 103
°C/W
8-Lead SOIC Package (S) . . . . . . . . . . . . . . . . . . . 158
°C/W
Maximum Junction Temperature (TJ max) . . . . . . . . . +150
°C
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability .
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8512 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
INL
Temperature
Package
Package
Model
(LSB) Range
Description
Option
DAC8512EP
±1
–40
°C to +85°C 8-Pin P-DIP N-8
DAC8512FP
±2
–40
°C to +85°C 8-Pin P-DIP N-8
DAC8512FS
±2
–40
°C to +85°C 8-Lead SOIC SO-8
DAC8512GBC
±2
+25
°C
Dice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com