Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2232D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FT2232D
Description  Future Technology Devices International Ltd
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT2232D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT2232D Datasheet HTML 17Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 18Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 19Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 20Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 21Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 22Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 23Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 24Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Copyright © 2010 Future Technology Devices International Limited
21
Document No.: FT_000173
FT2232D DUAL USB TO SERIAL UART
/FIFO IC Datasheet
Version 2.05
Clearance No.: FTDI# 127
6 USB Power Configurations
The following sections illustrate possible USB power configurations for the FT2232D.
6.0 USB Bus Powered Configuration
Figure 6.1 Bus Powered Configuration
Figure 6.1 illustrates the FT2232D in a typical USB bus powered configuration. A USB Bus
Powered device gets its power from the USB bus. Basic rules for USB Bus power devices are as
follows:-
a) On plug-in, the device must draw no more than 100mA
b) On USB Suspend the device must draw no more than 500μA.
c) A High Power USB Bus Powered Device (one that draws more than 100mA) should use the
PWREN# pin to keep the current below 100mA on plug-in and 500μA on USB suspend.
d) A device that consumes more than 100mA cannot be plugged into a USB Bus Powered Hub
e) No device can draw more that 500mA from the USB Bus.
The power descriptor in the EEPROM should be programmed to match the current draw required by the
device. A Ferrite Bead is connected in series with USB power to prevent noise from the device and
associated circuitry (EMI) being radiated down the USB cable to the Host. The value of the Ferrite Bead
depends on the total current required by the circuit - a suitable range of Ferrite Beads is available from
Steward (www.steward.com) for example Steward Part # MI0805K400R-00 also available from DigiKey,
Part # 240-1035-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com