Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCRJS64F Datasheet(PDF) 2 Page - Dubilier

Part # DBCRJS64F
Description  NETWORKING SOCKETS TOP ENTRY PCB JACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS64F Datasheet(HTML) 2 Page - Dubilier

  DBCRJS64F Datasheet HTML 1Page - Dubilier DBCRJS64F Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357
NETWORKING SOCKETS
TOP ENTRY PCB JACK
ORDERING INFORMATION
Top entry
4, 6, 8 way available
Board solderable
Competitively priced
Stocked line
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Black and Grey
Contact
0.35mm Phosphor bronze
Operating Temperature
-55˚C to +105˚C
DBC
RJ20ES
1
0011
Dubilier
Connectors
Series
Colour
1 = Black
5 = Grey
No. of Ways
0411=4way
0611=6way
0011=8way
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
1
4
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
13.81
1.27
8.89
7.62
2.54
0.90
3.20
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE)
RECOMMENDED PANEL LAYOUT
11.93
16.40
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
3.30
3.35
3.10
+0.13
-0.05
DETAIL X
1
4
1
4
13.8
16.50
OPTIONAL
FLANGE
11.43+0.2
13.81
1.27
8.89
7.62
2.54
0.90
3.20
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE)
RECOMMENDED PANEL LAYOUT
11.93
16.40
2.9
X
2.50
15.9
3.05
1.27
6.48
16.38
10.88
2.54+0.2
3.25+0.25
7.62
3.30
2.00
1.20
3.35
3.10
+0.13
-0.05
DETAIL X
11.93
16.40
1.27
2.90
11.43
8.89
1.27
3.05
16.38
3.25±0.25
3.9
X
FLANGE
8.89
Ø0.90(8)
Ø3.20(8)
11.43
1
8
1.27
16.0
15.50±0.2
11.91
0.60
Ø3.30±0.13
3.65±0.13
DETAIL X
Recommended PCB Layout
(Component Side)
Recommended Panel Cut-out
1.27
3.05
16.38
3.25±0.25
3.9
X
2.90
11.43
8.89
1.27
8.89
Ø0.90(8)
Ø3.20(8)
11.43
1
8
1.27
16.0
0.60
Ø3.30±0.13
3.65±0.13
DETAIL X
1.27
2.90
10.16
3.05
16.38
3.25±0.25
2.9
X
OPTIONAL
FLANGE
6.35
Ø0.90
Ø3.20
10.16
1
6
1.27
15.50±0.2
9.88
Ø3.10
3.35±0.13
-0.05
DETAIL X
Recommended PCB Layout
(Component Side)
13.96
15.9
2P
4P
6P
1
6
1.27
3.05
16.38
3.25±0.25
2.9
X
2.90
10.16
2P
4P
6P
6.35
Ø0.90
Ø3.20
10.16
1
6
1.27
Ø3.10
3.35±0.13
-0.05
DETAIL X
13.96
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com