Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCUSB2ASPW Datasheet(PDF) 7 Page - Dubilier

Part # DBCUSB2ASPW
Description  USB 2.0 CONNECTORS SINGLE PORT PCB-A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCUSB2ASPW Datasheet(HTML) 7 Page - Dubilier

  DBCUSB2ASPW Datasheet HTML 1Page - Dubilier DBCUSB2ASPW Datasheet HTML 2Page - Dubilier DBCUSB2ASPW Datasheet HTML 3Page - Dubilier DBCUSB2ASPW Datasheet HTML 4Page - Dubilier DBCUSB2ASPW Datasheet HTML 5Page - Dubilier DBCUSB2ASPW Datasheet HTML 6Page - Dubilier DBCUSB2ASPW Datasheet HTML 7Page - Dubilier DBCUSB2ASPW Datasheet HTML 8Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
397
USB 2.0 CONNECTORS
DUAL PORT PCB-A
ORDERING INFORMATION
4 position dual port right angle socket
Through hole
Recommended PCB thickness of 1.57mm
Contact plating 30 micro inches min
SPECIFICATION
OUTLINE DRAWING
Contact Resistance:
30mΩ Max
Insulation Resistance:
1000MΩ min. @500VDC
Rated Voltage and Current:
1.5A @250VAC min
Dielectric withstanding voltage:
500VAC (rms) for 1 minute
Durability:
1500 mating cycles
Insertion Force:
35 Newtons max
Extraction Force:
10 Newtons min
Housing:
PBT UL94V-0
Terminal:
Phosphor Bronze
Plating:
30 micro inches gold
Shell:
Brass
15.1
12.5
17
13
2.65
10.3
5.7
8-Ø0.95
4-Ø2.3
PCB LAYOUT
(BOTTOM VIEW)
DBC
USB
2
A
Dubilier
Connectors
USB
Version
Ports
DP = Dual Port
DP
Mounting Option
Blank = PCB
Mount
Colour
B = Black
W = White
B
Style
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com