Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306SEC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8306SEC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306SEC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8306SEC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
2
Freescale Semiconductor
Overview
1
Overview
The MPC8306S incorporates the e300c3 (MPC603e-based) core built on Power Architecture®
technology, which includes 16 Kbytes of each L1 instruction and data caches, dual integer units, and
on-chip memory management units (MMUs). The MPC8306S also includes two DMA engines and a
16-bit DDR2 memory controller.
A new communications complex based on QUICC Engine technology forms the heart of the networking
capability of the MPC8306S. The QUICC Engine block contains several peripheral controllers and a
32-bit RISC controller. Protocol support is provided by the main workhorses of the device—the unified
communication controllers (UCCs). A block diagram of the MPC8306S is shown in the following figure.
Figure 1. MPC8306S Block Diagram
Each of the five UCCs can support a variety of communication protocols such as 10/100 Mbps MII/RMII
Ethernet, HDLC and TDM.
3 RMII/MII
2x TDM Ports
16-KB
D-Cache
16-KB
I-Cache
e300c3 Core with Power
2 x DUART
Interrupt
I2C
Timers
GPIO
DDR2
Controller
Controller
Baud Rate
Generators
Accelerators
Single 32-bit RISC CP Serial DMA
Serial Interface
QUICC Engine™ Block
Time Slot Assigner
16 KB Multi-User RAM
FPU
Management
SPI
RTC
2x HDLC
DMA
48 KB Instruction RAM
Engine
USB 2.0 HS
Host/Device/OTG
ULPI
Enhanced Local
Bus Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com