Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperFoil Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # CopperFoil
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperFoil Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button CopperFoil Datasheet HTML 7Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 8Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 9Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 10Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 11Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 12Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 13Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 14Page - Freescale Semiconductor, Inc CopperFoil Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MRF6VP2600HR6
11
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 88--108 MHz
800
20
30
35
85
Pout, OUTPUT POWER (WATTS)
Figure 22. Broadband CW Power Gain and Drain
Efficiency versus Output Power — 88--108 MHz
200
100
26
25
24
23
22
65
60
55
50
40
29
75
110
86
Gps
f, FREQUENCY (MHz)
Figure 23. CW Power Gain and Drain Efficiency
versus Frequency — 88--108 MHz
102
98
94
90
27
26
72
82
80
76
74
ηD
24.5
24
22.5
22
26.5
25.5
25
78
23.5
23
106
VDD =50 Vdc,IDQ = 150 mA
Gps
ηD
108 MHz
88 MHz
98 MHz
98 MHz
88 MHz
108 MHz
28
27
21
80
70
45
300
400
500 600 700
81
79
75
73
77
VDD =50 Vdc,IDQ = 150 mA
Pout = 600 W, CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com