Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperWire Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # CopperWire
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperWire Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button CopperWire Datasheet HTML 8Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 9Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 10Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 11Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 12Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 13Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 14Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 15Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
RF Device Data
Freescale Semiconductor
MRF6VP2600HR6
Zo =25 Ω
Zload
Zsource
f=88 MHz
f = 108 MHz
f=88 MHz
f = 108 MHz
VDD =50 Vdc,IDQ = 150 mA, Pout = 600 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
88
3.20 + j14.50
10.35 + j2.80
98
4.20 + j15.00
9.50 + j3.00
108
4.00 + j15.00
8.90 + j3.50
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 24. Series Equivalent Source and Load Impedance — 88--108 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com